Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7263BE2M1 Datasheet(PDF) 121 Page - STMicroelectronics

Part # ST7263BE2M1
Description  Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I짼C
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BE2M1 Datasheet(HTML) 121 Page - STMicroelectronics

Back Button ST7263BE2M1 Datasheet HTML 117Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 118Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 119Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 120Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 121Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 122Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 123Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 124Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 145 page
background image
ST7263BDx ST7263BHx ST7263BKx ST7263BE
121/145
14.9 Control pin characteristics
14.9.1 Asynchronous RESET pin
Subject to general operating conditions for VDD, fCPU, and TA unless otherwise specified.
Notes:
1. Hysteresis voltage between Schmitt trigger switching levels. Based on characterization results, not tested.
2. The IIO current sunk must always respect the absolute maximum rating specified in Section 14.2 and the sum of IIO (I/
O ports and control pins) must not exceed IVSS.
3. The RON pull-up equivalent resistor is based on a resistive transistor. This data is based on characterization results,
not tested in production.
4. To guarantee the reset of the device, a minimum pulse has to be applied to RESET pin. All short pulses applied on
RESET pin with a duration below th(RSTL)in can be ignored.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIH
Input High Level Voltage
0.7xVDD
VDD
V
VIL
Input Low Voltage
VSS
0.3xVDD
V
Vhys
Schmitt trigger voltage hysteresis 1)
400
mV
VOL
Output low level voltage 2)
VDD=5V
IIO=5mA
0.8
V
IIO=7.5mA
1.3
RON
Weak pull-up equivalent resistor 3)
VIN=VSS
VDD=5V
50
80
100
k
Ω
tw(RSTL)out Generated reset pulse duration
External pin or
internal reset sources
6
30
1/fSFOSC
µs
th(RSTL)in External reset pulse hold time
4)
5
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com