Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7263BE2M1 Datasheet(PDF) 128 Page - STMicroelectronics

Part # ST7263BE2M1
Description  Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I짼C
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BE2M1 Datasheet(HTML) 128 Page - STMicroelectronics

Back Button ST7263BE2M1 Datasheet HTML 124Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 125Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 126Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 127Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 128Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 129Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 130Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 131Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 132Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 145 page
background image
ST7263BDx ST7263BHx ST7263BKx ST7263BE
128/145
15 Package characteristics
In order to meet environmental requirements, ST
offers these devices in ECOPACK® packages.
These packages have a Lead-free second level in-
terconnect. The category of second Level Inter-
connect is marked on the package and on the in-
ner box label, in compliance with JEDEC Standard
JESD97. The maximum ratings related to solder-
ing conditions are also marked on the inner box la-
bel.
ECOPACK is an ST trademark. ECOPACK speci-
fications are available at: www.st.com
15.1 Package mechanical data
Figure 76. 34-pin Plastic Small Outline Package, shrink 300-mil width
Dim.
mm
inches
Min
Typ
Max
Min
Typ
Max
A
2.464
2.642 0.097
0.104
A1
0.127
0.292 0.005
0.012
B
0.356
0.483 0.014
0.019
C
0.231
0.318 0.009
0.013
D
17.72
9
18.05
9
0.698
0.711
E
7.417
7.595 0.292
0.299
e
1.016
0.040
H
10.16
0
10.41
4
0.400
0.410
h
0.635
0.737 0.025
0.029
α
0°
8°
0°
8°
L
0.610
1.016 0.024
0.040
Number of Pins
N
34
h x 45×
C
L
a
A
A1
e
B
D
H
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com