Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM8342SD Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM8342SD
Description  Programmable TFT VCOM Calibrator with Non-Volatile
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM8342SD Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM8342SD Datasheet HTML 1Page - National Semiconductor (TI) LM8342SD Datasheet HTML 2Page - National Semiconductor (TI) LM8342SD Datasheet HTML 3Page - National Semiconductor (TI) LM8342SD Datasheet HTML 4Page - National Semiconductor (TI) LM8342SD Datasheet HTML 5Page - National Semiconductor (TI) LM8342SD Datasheet HTML 6Page - National Semiconductor (TI) LM8342SD Datasheet HTML 7Page - National Semiconductor (TI) LM8342SD Datasheet HTML 8Page - National Semiconductor (TI) LM8342SD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Electrical Characteristics (Continued)
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and test conditions, see the Electrical Characteristics tables.
Note 2: Human Body Model is 1.5 k
Ω in series with 100 pF. Machine Model is 0Ω in series with 200 pF.
Note 3: The maximum power dissipation is a function of TJ(MAX), θJA and TA. The maximum allowable power dissipation at any ambient temperature is
PD =(TJ(MAX) —TA)/ θJA. All numbers apply for packages soldered directly onto a PC board.
Note 4: Programming temperature range 0˚C to 70˚C .
Note 5: When AVDD is in the voltage range of 4.5V to 13V, the supply voltage VDD can be in 2.25V to 3.6V range. When AVDD is in the voltage range from 13V to
18V, the supply voltage VDD is limited to the 2.6V to 3.6V range
Note 6: Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very limited self-heating of
the device such that TJ =TA. No guarantee of parametric performance is indicated in the electrical tables under conditions of internal self-heating where TJ > TA.
Note 7: All limits are guaranteed by design or statistical analysis.
Note 8: Typical values represent the parametric norm at the time of characterization.
Note 9: On-Chip Pull Down Resistor of 30 k
Ω.
Connection Diagram
10-Pin LLP
20139202
Top View
Pin Descriptions
Pin Name
Pin #
Function
OUT
1
Current sink output, adjustable in 128 steps. See Application Section for details.
AV
DD
2
Analog reference voltage input
WP
N
3
Write protect (input)
READ (I
2C)
WRITE
→Reg
WRITE
→EE
SCL Switch
WP
N = Low
yes
yes
no
open
WP
N = High
yes
yes
yes
closed
WP
P
4
Inverted WP
N (output)
GND
5
Ground
V
DD
6
Supply voltage
SDA
7
I
2C compatible serial data input/output
SCL
8
I
2C compatible serial clock input
SCL-S
9
Switched SCL connection. Serial clock input when WP
N is set to high
SET
10
Maximum output current adjustment pin (see block diagram)
Ordering Information
Package
Part Number
Package Marking
Transport Media
NSC Drawing
10-Pin LLP
LM8342SD
L8342
1k Units Tape and Reel
SDA10A
LM8342SDX
4.5k Units Tape and Reel
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com