Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM8342SD Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM8342SD
Description  Programmable TFT VCOM Calibrator with Non-Volatile
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM8342SD Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM8342SD Datasheet HTML 7Page - National Semiconductor (TI) LM8342SD Datasheet HTML 8Page - National Semiconductor (TI) LM8342SD Datasheet HTML 9Page - National Semiconductor (TI) LM8342SD Datasheet HTML 10Page - National Semiconductor (TI) LM8342SD Datasheet HTML 11Page - National Semiconductor (TI) LM8342SD Datasheet HTML 12Page - National Semiconductor (TI) LM8342SD Datasheet HTML 13Page - National Semiconductor (TI) LM8342SD Datasheet HTML 14Page - National Semiconductor (TI) LM8342SD Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Application Section (Continued)
The maximum output current of the LM8342 can be defined
using an external resistor R
SET in combination with an ana-
log reference voltage AV
DD. This maximum current can be
calculated using Equation (1).
(1)
The operating range for the output current is given in the
Electrical Characteristics table on page 2. Variations of the
voltage reference AV
DD or the external resistor RSET will
affect this output current. Using a resistor with a low tem-
perature coefficient is recommended.
The relative value of I
OUT with respect to the maximum
current can be controlled digitally in 128 steps, using the
internal DAC. This results in an output current described by
Equation (2).
(2)
Using the serial interface bus the operator can store the DAC
value in the LM8342s 7-bits volatile register temporarily, or
permanent in the EEPROM. During a start-up sequence the
LM8342 will copy the contents of the EEPROM to the regis-
ter setting the DC value.
CONTROLLING THE DEVICE
The LM8342s current sink can be programmed using a serial
interface bus. Additional functions (e.g. storing data in the
EEPROM) can be controlled in combination with external
inputs. Table 1 shows the pins of the LM8342 and gives a
short functional description.
TABLE 1. Pin Descriptions
Pin name
Function
SDA & SCL
(Serial interface
bus)
The LM8342 output current can be
controlled using the serial I
2C
compatible interface. This 2-Wire
interface uses a clock and a data
signal. New values can be written to the
memory, or the current value can be
read back from the device. The I
2C
compatible interface is discussed in
more detail in the next chapter.
AV
DD
Analog reference voltage for the DAC.
V
DD
Supply voltage for both the analog and
digital circuitry.
SET
An external resistor R
SET connected to
the SET pin determines the maximum
output current, see Equation (1).
OUT
The output of the programmable current
sink.
SCL-S
For in-circuit PCB testing, the LM8342
can use the additional Switched SCL
signal (SCL-S) input for applying the
SCL clock signal.
Pin name
Function
WP
N
“Write Protect Not” (Input) has 2
functions:
1. Prohibits programming the EEPROM,
when low or left floating (Internal a
pull-down resistor is connected) When
WP
N is set to a low level, only the
volatile register is accessible. If WP
N is
set to a high level also the EEPROM is
accessible. Actual writing to the
EEPROM or the register is done using
the “P-bit” in the serial communication.
2. WP
N switches the SCL-S clock line.
When WP
N is set to a high level SCL-S
is connected to SCL. The operator
should turn off the original SCL clock.
WP
P
Write Protect Signal (Output). This is
the inverted WP
N signal.
I
2C SERIAL INTERFACE BUS
The LM8342 supports an I
2C compatible communication
protocol, which is a bidirectional bus oriented communication
protocol. Any device that sends data on the bus is defined as
a transmitter and the receiving device as a receiver. The I
2C
compatible communication protocol uses 2 wires: SDA (Se-
rial Data Line) and SCL (Serial Clock Line). For both lines an
external pull-up resistor, connected to the supply voltage, is
required. The device controlling the bus is known as the
master, and the device or devices being controlled are the
slaves. Each device has its own specific address. The ad-
dress of the LM8342 is 9E
HEX. The master initiates the
communication and provides the clock. The LM8342 always
operates as a slave. A typical system using an I
2C
compatible interface bus is given in Figure 5.
The LM8342 can be used in an I
2C compatible system. All
specifications of the LM8342, dealing with the interface bus,
are guaranteed by design. Except for the bus speed, which
is specified in the Electrical Characteristics table.
KEY ASPECT OF I
2C COMPATIBLE COMMUNICATION
In this section a brief overview is presented, discussing the
key aspect of I
2C compatible communication. Figure 6
shows the timing aspects of the I
2C compatible serial
interface.
20139231
FIGURE 5. System Using an I
2C compatible Bus
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com