Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM8342SD Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM8342SD
Description  Programmable TFT VCOM Calibrator with Non-Volatile
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM8342SD Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM8342SD Datasheet HTML 8Page - National Semiconductor (TI) LM8342SD Datasheet HTML 9Page - National Semiconductor (TI) LM8342SD Datasheet HTML 10Page - National Semiconductor (TI) LM8342SD Datasheet HTML 11Page - National Semiconductor (TI) LM8342SD Datasheet HTML 12Page - National Semiconductor (TI) LM8342SD Datasheet HTML 13Page - National Semiconductor (TI) LM8342SD Datasheet HTML 14Page - National Semiconductor (TI) LM8342SD Datasheet HTML 15Page - National Semiconductor (TI) LM8342SD Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Application Section (Continued)
TABLE 3. P-bit Truth Table
Operation
P-bit
Description
Read
1
Programming Ready
Read
0
Programming Busy
(don’t turn off the device)
Write
1
Register Write
Write
0
EEPROM Write
The LM8342 can be used in I
2C compatible systems with
clock speeds of up to 400 kbps (Fast mode). For low speed
applications, an initial resistor value for the pull-up resistors
is 15 k
Ω is suitable. When increasing the speed of the
interface bus, the user should decrease the value of the
pull-up resistors.
Typical Application
The following section discusses two typical applications for
the LM8342. In the first application the LM8342 is used as a
programmable current sink, for example to drive a program-
mable bias generator. In the second application the LM8342
is used to adjust the voltage level of a V
COM driver.
PROGRAMMABLE CURRENT SINK
As described in the “Principle of Operation of the LM8342”
section the LM8342 basically operates as a programmable
current sink. Figure 7 shows a general current sink
application.
The output current of the LM8342 can be calculated using
Equation (3).
(3)
DRIVING A V
COM LEVEL
Another typical application, given in Figure 8, is using the
LM8342 to adjust the “voltage tap” of a resistive voltage
divider. The V
COM driver buffers the “voltage tap” in this
application.
20139233
FIGURE 7. Programmable Current Sink
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com