Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM8342SD Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM8342SD
Description  Programmable TFT VCOM Calibrator with Non-Volatile
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM8342SD Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM8342SD Datasheet HTML 6Page - National Semiconductor (TI) LM8342SD Datasheet HTML 7Page - National Semiconductor (TI) LM8342SD Datasheet HTML 8Page - National Semiconductor (TI) LM8342SD Datasheet HTML 9Page - National Semiconductor (TI) LM8342SD Datasheet HTML 10Page - National Semiconductor (TI) LM8342SD Datasheet HTML 11Page - National Semiconductor (TI) LM8342SD Datasheet HTML 12Page - National Semiconductor (TI) LM8342SD Datasheet HTML 13Page - National Semiconductor (TI) LM8342SD Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Application Section (Continued)
Figure 3 shows a block diagram of a TFT panel. The V
COM
buffer supplies a common voltage (V
COM) to all the pixels in
a TFT panel. In general, V
COM is a DC voltage that is in the
middle of the gamma voltage range. Screen performance
can be optimized by tuning the V
COM voltage in the calibra-
tion procedure. Using the LM8342, the V
COM calibration
procedure is simplified by elimination of the potentiometer
adjustment task. This task is currently performed at the
factory using a trimmer adjustment tool and visual inspec-
tion, when using a stable reference voltage and a
potentiometer as a voltage divider to generate the V
COM
voltage.
PRINCIPLE OF OPERATION OF THE LM8342
The LM8342 is an integrated combination of a digitally con-
trolled current sink and a non-volatile register (7 bits EE-
PROM). Writing data can be done using the I
2C compatible
interface. Data can be written to a volatile register and can
also be stored in the non-volatile EEPROM. A simplified
block diagram of the LM8342 is given in Figure 4.
20139218
FIGURE 3. TFT Panel Block Diagram
20139229
FIGURE 4. Block Diagram of the LM8342
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com