Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM8342SD Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM8342SD
Description  Programmable TFT VCOM Calibrator with Non-Volatile
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM8342SD Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM8342SD Datasheet HTML 1Page - National Semiconductor (TI) LM8342SD Datasheet HTML 2Page - National Semiconductor (TI) LM8342SD Datasheet HTML 3Page - National Semiconductor (TI) LM8342SD Datasheet HTML 4Page - National Semiconductor (TI) LM8342SD Datasheet HTML 5Page - National Semiconductor (TI) LM8342SD Datasheet HTML 6Page - National Semiconductor (TI) LM8342SD Datasheet HTML 7Page - National Semiconductor (TI) LM8342SD Datasheet HTML 8Page - National Semiconductor (TI) LM8342SD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LM8342
Programmable TFT V
COM Calibrator with Non-Volatile
Memory
General Description
The LM8342 is an integrated combination of a non-volatile
register (7 bits EEPROM) and a DAC controlled current
source. Using the LM8342, the V
COM calibration procedure
is simplified by elimination of the potentiometer adjustment
task. This adjustment task is currently performed at the
factory using a trimmer adjustment tool and visual inspec-
tion.
The V
COM adjustment can be done electronically in produc-
tion, using the I
2C compatible interface. The factory operator
can physically view the screen head-on (frontal viewing)
when performing this step, easing manufacturing especially
for large TFT panels.
The V
COM level is typically at half AVDD (determined by R1
and R2) and is buffered by the actual V
COM driver. By
controlling the level of I
OUT, the VCOM level can be tuned.
The current level at the output of the LM8342 is a fraction
(1/128 to 128/128) of a maximum current which is set by
R
SET and an analog reference (AVDD). The actual fraction is
determined by the 7-bit DAC. As a result, the output current
of the LM8342 has a good temperature stability yielding a
very stable V
COM adjustment. Controlling the DAC setting of
the LM8342 is done via its I
2C compatible interface. The
actual DAC setting is stored in a volatile register. Using a
“Write to EE” command the data can be stored permanently
in the embedded EEPROM. At power on of the device, the
EEPROM data is copied to the volatile register, setting the
DAC. At any time, the data in the EEPROM can be changed
again via the I
2C compatible interface.
Features
n
I
2C compatible programmable DAC to set the output
current
n
Guaranteed monotonic DAC
n
Non-volatile memory to hold the setting
n
EEPROM in system programmable
n
No external programming voltage required
n
Maximum interface bus speed is 400 kHz
n
LLP-10 Package
Applications
n
TFT panel factory calibration
n
Digital potentiometer
n
Programmable current sink
Typical Application
20139201
November 2005
© 2005 National Semiconductor Corporation
DS201392
www.national.com


Similar Part No. - LM8342SD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM8342SD/NOPB TI1-LM8342SD/NOPB Datasheet
966Kb / 23P
Programmable TFT V Calibrator with Non-Volatile Memory
LM8342SD/NOPB TI2-LM8342SD/NOPB Datasheet
516Kb / 23P
LM8342 Programmable TFT VCOM Calibrator with Non-Volatile Memory
REVISED MARCH 2013
LM8342SD/NOPB.A TI2-LM8342SD/NOPB.A Datasheet
516Kb / 23P
LM8342 Programmable TFT VCOM Calibrator with Non-Volatile Memory
REVISED MARCH 2013
LM8342SDX/NOPB TI1-LM8342SDX/NOPB Datasheet
966Kb / 23P
Programmable TFT V Calibrator with Non-Volatile Memory
LM8342SDX/NOPB TI2-LM8342SDX/NOPB Datasheet
516Kb / 23P
LM8342 Programmable TFT VCOM Calibrator with Non-Volatile Memory
REVISED MARCH 2013
More results

Similar Description - LM8342SD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1512 MAXIM-MAX1512 Datasheet
682Kb / 12P
EEPROM-Programmable TFT VCOM Calibrator
Rev 2; 8/04
MAX8738 MAXIM-MAX8738 Datasheet
283Kb / 13P
EEPROM-Programmable TFT VCOM Calibrator with I2C Interface
Rev 0; 3/05
logo
Intersil Corporation
ISL45041_0608 INTERSIL-ISL45041_0608 Datasheet
331Kb / 7P
TFT-LCD I2C Programmable VCOM Calibrator
August 29, 2006
ISL45041 INTERSIL-ISL45041 Datasheet
489Kb / 7P
TFT-LCD I2C Programmable VCOM Calibrator
August 12, 2010
ISL24202 INTERSIL-ISL24202 Datasheet
437Kb / 12P
Programmable VCOM Calibrator with EEPROM
March 15, 2011
ISL45041_1012 INTERSIL-ISL45041_1012 Datasheet
352Kb / 7P
TFT-LCD I2C Programmable VCOM Calibrator
December 17, 2010
ISL45041IRZ INTERSIL-ISL45041IRZ Datasheet
278Kb / 8P
TFT-LCD I2C Programmable VCOM Calibrator
October 30, 2014
logo
Texas Instruments
LM8342 TI1-LM8342 Datasheet
966Kb / 23P
Programmable TFT V Calibrator with Non-Volatile Memory
logo
Renesas Technology Corp
ISL24202 RENESAS-ISL24202 Datasheet
576Kb / 12P
Programmable VCOM Calibrator with EEPROM
ISL45041 RENESAS-ISL45041 Datasheet
529Kb / 8P
TFT-LCD I2C Programmable VCOM Calibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com