Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8270 Datasheet(PDF) 239 Page - Freescale Semiconductor, Inc

Part # MPC8270
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270 Datasheet(HTML) 239 Page - Freescale Semiconductor, Inc

Back Button MPC8270 Datasheet HTML 235Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 236Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 237Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 238Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 239Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 240Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 241Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 242Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 243Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 1386 page
background image
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
III-1
Part III
The Hardware Interface
Intended Audience
Part III is intended for system designers who need to understand how each MPC8280 signal works and
how those signals interact.
Contents
Part III describes external signals, clocking, memory control, and power management of the MPC8280.
It contains the following chapters:
•
Chapter 6, “External Signals,” shows a functional pinout of the MPC8280 and describes the
MPC8280 signals.
•
Chapter 7, “60x Signals,” describes signals on the 60x bus.
•
Chapter 8, “The 60x Bus,” describes the operation of the bus used by PowerPC processors.
•
Chapter 10, “Clocks and Power Control,” describes the clocking architecture of the MPC8280.
•
Chapter 9, “PCI Bridge,” describes how the PCI bridge enables the MPC8280 to bridge PCI agents
gluelessly to a host processor that implements the PowerPC architecture and how it is compliant
with PCI Specification Revision 2.2.
•
Chapter 11, “Memory Controller,” describes the memory controller, which controlling a maximum
of eight memory banks shared between a general-purpose chip-select machine (GPCM) and three
user-programmable machines (UPMs).
•
Chapter 12, “Secondary (L2) Cache Support,” provides information about implementation and
configuration of a level-2 cache.
•
Chapter 13, “IEEE 1149.1 Test Access Port,” describes the dedicated user-accessible test access
port (TAP), which is fully compatible with the IEEE 1149.1 Standard Test Access Port and
Boundary Scan Architecture.
Suggested Reading
This section lists additional reading that provides background for the information in this manual as well as
general information about the PowerPC architecture.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com