Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8270 Datasheet(PDF) 240 Page - Freescale Semiconductor, Inc

Part # MPC8270
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270 Datasheet(HTML) 240 Page - Freescale Semiconductor, Inc

Back Button MPC8270 Datasheet HTML 236Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 237Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 238Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 239Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 240Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 241Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 242Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 243Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 244Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 1386 page
background image
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
III-2
Freescale Semiconductor
MPC82xx Documentation
Supporting documentation for the MPC8280 can be accessed through the world-wide web at
www.freescale.com. This documentation includes technical specifications, reference materials, and
detailed applications notes.
Conventions
This document uses the following notational conventions:
Bold entries in figures and tables showing registers and parameter RAM should
be initialized by the user.
mnemonics
Instruction mnemonics are shown in lowercase bold.
italics
Italics indicate variable command parameters, for example, bcctrx.
Book titles in text are set in italics.
0x0
Prefix to denote hexadecimal number
0b0
Prefix to denote binary number
REG[FIELD]
Abbreviations or acronyms for registers or buffer descriptors are shown in
uppercase text. Specific bits, fields, or numerical ranges appear in brackets. For
example, MSR[LE] refers to the little-endian mode enable bit in the machine state
register.
x
In certain contexts, such as in a signal encoding or a bit field, indicates a don’t
care.
n
Indicates an undefined numerical value
¬
NOT logical operator
&
AND logical operator
|
OR logical operator
Acronyms and Abbreviations
Table i contains acronyms and abbreviations used in this document. Note that the meanings for some
acronyms (such as SDR1 and DSISR) are historical, and the words for which an acronym stands may not
be intuitively obvious.
Table I-i. Acronyms and Abbreviated Terms
Term
Meaning
BD
Buffer descriptor
BIST
Built-in self test
BRI
Basic rate interface
CAM
Content-addressable memory
Bold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com