Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8270 Datasheet(PDF) 253 Page - Freescale Semiconductor, Inc

Part # MPC8270
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270 Datasheet(HTML) 253 Page - Freescale Semiconductor, Inc

Back Button MPC8270 Datasheet HTML 249Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 250Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 251Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 252Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 253Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 254Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 255Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 256Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 257Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 1386 page
background image
External Signals
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
6-11
L_A17
PCI_IRDY
CKSTOP_OUT
Local bus address 17—Local bus address bit 17 output pin. In the local address bus bit 14 is most
significant and bit 31 is least significant.
PCI initiator ready—PCI initiator ready input/output pin. This pin is driven by the MPC8280 when
its PCI interface is the initiator of a PCI transfer. Assertion of this pin indicates that the PCI initiator
is ready to send or accept a data beat.
Checkstop output—(Output) Assertion of CKSTOP_OUT indicates the core is in checkstop
mode.
L_A18
PCI_STOP
Local bus address 18—Local bus address bit 18 output pin. In the local address bus bit 14 is most
significant and bit 31 is least significant.
PCI stop—PCI stop input/output pin. This pin is driven by the MPC8280 when its PCI interface is
the target of a PCI transfer. Assertion of this pin indicates that the PCI target is requesting the
master to stop the current PCI transfer.
L_A19
PCI_DEVSEL
Local bus address 19—Local bus address bit 19 output pin. In the local address bus bit 14 is most
significant and bit 31 is least significant.
PCI device select—PCI device select input/output pin. This pin is driven by the MPC8280 when
its PCI interface has decoded its own address as the target of the current PCI transfer. As an
input, PCI_DEVSEL indicates whether any device on the PCI bus has been selected.
L_A20
PCI_IDSEL
Local bus address 20—Local bus address bit 20 output pin. In the local address bus bit 14 is most
significant and bit 31 is least significant.
PCI initialization device select—(Input) Used to select the MPC8280’s PCI interface during a PCI
configuration cycle.
L_A21
PCI_PERR
Local bus address 21—Local bus address bit 21 output pin. In the local address bus bit 14 is most
significant and bit 31 is least significant.
PCI parity error—PCI data parity error input/output pin. Assertion of this pin indicates that a data
parity error was detected during a PCI transfer (except for a special cycle).
L_A22
PCI_SERR
Local bus address 22—Local bus address bit 22 output pin. In the local address bus bit 14 is most
significant and bit 31 is least significant.
PCI system error—PCI system error input/output pin. Assertion of this pin indicates that a PCI
system error was detected during a PCI transfer. The PCI system error is for reporting address
parity errors, data parity errors on a special cycle command, or other catastrophic system errors.
L_A23
PCI_REQ0
Local bus address 23—Local bus address bit 23 output pin. In the local address bus bit 14 is most
significant and bit 31 is least significant.
PCI arbiter request 0—PCI request 0 input/output pin. When the MPC8280’s internal PCI arbiter
is used, this is an input pin. In this mode assertion of this pin indicates that an external PCI device
is requesting the PCI bus. When an external PCI arbiter is used, this is an output pin. In this mode
assertion of this pin indicates that the MPC8280’s PCI interface is requesting the PCI bus.
Table 6-1. External Signals (continued)
Signal
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com