Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8270 Datasheet(PDF) 256 Page - Freescale Semiconductor, Inc

Part # MPC8270
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270 Datasheet(HTML) 256 Page - Freescale Semiconductor, Inc

Back Button MPC8270 Datasheet HTML 252Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 253Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 254Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 255Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 256Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 257Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 258Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 259Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 260Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 1386 page
background image
External Signals
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
6-14
Freescale Semiconductor
IRQ7
INT_OUT
APE
Interrupt request 7—This input is one of the eight external lines that can request (by means of the
internal interrupt controller) a service routine from the core.
Interrupt output—This is an output driven from MPC8280’s internal interrupt controller. Assertion
of this output indicates that an unmasked interrupt is pending in MPC8280’s internal interrupt
controller.
Address parity error—This output pin is asserted when the MPC8280 detects wrong parity driven
on its address parity pins by an external master.
TRST
Test reset (JTAG)— Input only. This is the reset input to the MPC8280’s JTAG/COP controller. See
Section 13.1, “Overview,” and Section 13.6, “Nonscan Chain Operation.”
TCK
Test clock (JTAG)—Input only. Provides the clock input for MPC8280’s JTAG/COP controller.
TMS
Test mode select (JTAG)—Input only. Controls the state of MPC8280’s JTAG/COP controller.
TDI
Test data in (JTAG)—Input only. Data input to MPC8280’s JTAG/COP controller.
TDO
Test data out (JTAG)—Output only. Data output from MPC8280’s JTAG/COP controller.
TRIS
Three-state—Asserting TRIS forces all other MPC8280’s pins to high impedance state.
PORESET
PCI_RST
Power-on reset—When asserted, this input line causes the MPC8280 to enter power-on reset
state.
PCI reset—PCI reset input pin. When the MPC8280 is an agent in the PCI system, PCI_RST is
an input.
HRESET
Hard reset—This open drain line, when asserted causes the MPC8280 to enter hard reset state.
SRESET
Soft reset—This open drain line, when asserted causes the MPC8280 to enter the soft reset
state.
QREQ
Quiescent request— Output only. Indicates that MPC8280’s internal core is about to enter its low
power mode. In the MPC8280 this pin will be typically used for debug purposes.
RSTCONF
RSTCONF —Input used during reset configuration sequence of the chip. Find detailed
explanation of its function in Section 5.1.2, “Power-On Reset Flow,” and Section 5.4, “Reset
Configuration.”
MODCK1
AP[1]
TC[0]
BNKSEL[0]
MODCK1—Clock mode input. Defines the operating mode of internal clock circuits.
Address parity 1—(Input/output) The 60x master that drives the address bus, drives also the
address parity signals. The value driven on address parity 1 pin should give odd parity (odd
number of 1s) on the group of signals that includes address parity 1 and A[8–15].
Transfer Code 0—The transfer code output pins supply information that can be useful for debug
purposes for each of the MPC8280’s initiated bus transactions.
Bank Select 0—The bank select outputs are used for selecting SDRAM bank when the MPC8280
is in 60x compatible bus mode. BNKSEL0 is msb of the three BNKSEL signals.
Table 6-1. External Signals (continued)
Signal
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com