Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8270 Datasheet(PDF) 287 Page - Freescale Semiconductor, Inc

Part # MPC8270
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270 Datasheet(HTML) 287 Page - Freescale Semiconductor, Inc

Back Button MPC8270 Datasheet HTML 283Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 284Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 285Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 286Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 287Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 288Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 289Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 290Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 291Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 1386 page
background image
The 60x Bus
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
8-11
NOTE
Regarding Table 8-2:
•
For reads, the processor cleans or flushes during a snoop based on the
TBST input. The processor cleans for single-beat reads (TBST negated)
to emulate read-with-no-intent-to-cache operations.
•
Castouts and snoop copybacks are generally marked as non-global and
are not snooped (except for reservation monitoring). However, other
masters performing DMA write operations with the same TT encoding
and marked as a global WR operation (whether global or non-global)
00110
WR w/Kill
Burst
Burst
(non-GBL)
Castout, ca-op push, or
snoop copyback
Kill, cancel
reservation
Write, assert AACK and
TA.
01010
Read
Single-beat
read or burst
Single-beat
read
CI load, CI I-fetch or
nonprocessor master
Clean or flush
Read, assert AACK
and TA.
01110
Read with
intent to
modify
Burst
Burst
Load miss, store miss,
or I-fetch
Flush
Read, assert AACK
and TA.
10010
WR w/flush
atomic
Single-beat
write
Single-beat
write
stwcx.
Flush, cancel
reservation
Write, assert AACK and
TA
10110
Reserved
Not
applicable
Not applicable
Not applicable
Not applicable
Illegal
11010
Read
atomic
Single-beat
read or burst
Single-beat
read
lwarx (CI load)
Clean or flush
Read, assert AACK
and TA
11110
Read with
intent to
modify
atomic
Burst
Burst
lwarx (load miss)
Flush
Read, assert AACK
and TA
00011
Reserved
—
Not applicable
Not applicable
Not applicable
Illegal
00111
Reserved
—
Not applicable
Not applicable
Not applicable
Illegal
01011
Read with
no intent to
cache
Single-beat
read or burst
Not applicable
Not applicable
Clean
Read, assert AACK
and TA
01111
Reserved
—
Not applicable
Not applicable
Not applicable
Illegal
1XX11
Reserved
for customer
—
Not applicable
Not applicable
Not applicable
Illegal
1 TT1 can be interpreted as a read-versus-write indicator for the bus.
2 This column specifies the TT encoding for the general 60x protocol. The processor generates or snoops only a subset of
those encodings.
Table 8-2. Transfer Type Encoding (continued)
TT[0–4]1
60x Bus Specification2
MPC8280 as Bus Master
MPC8280 as
Snooper
MPC8280
as Slave
Command
Transaction
Bus Trans.
Transaction Source
Action on Hit
Action on Slave Hit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com