Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8270 Datasheet(PDF) 289 Page - Freescale Semiconductor, Inc

Part # MPC8270
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270 Datasheet(HTML) 289 Page - Freescale Semiconductor, Inc

Back Button MPC8270 Datasheet HTML 285Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 286Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 287Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 288Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 289Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 290Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 291Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 292Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 293Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 1386 page
background image
The 60x Bus
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
8-13
NOTE
The basic coherency size of the bus is 32 bytes for the processor
(cache-block size). Data transfers that cross an aligned 32-byte boundary
must present a new address onto the bus at that boundary for proper snoop
operation, or must operate as non-coherent with respect to the MPC8280.
8.4.3.4
Burst Ordering During Data Transfers
During burst transfers, 32 bytes of data (one cache block) are transferred to or from the cache. Burst write
transfers are performed zero double-word-first. However, because burst reads are performed
critical-double-word-first, a burst-read transfer may not start with the first double word of the cache block
and the cache-block-fill operation may wrap around the end of the cache block. Table 8-5 describes
MPC8280 burst ordering.
Each data beat is terminated with an assertion of TA.
Negated
0 0 1 1
3 Bytes
—
Core and DMA
Negated
0 1 0 0
4 Bytes
Word
Core and DMA
Negated
0 1 0 1
5 Bytes
Extended 5 bytes
SDMA (MPC8280 only)
Negated
0 1 1 0
6 Bytes
Extended 6 bytes
SDMA (MPC8280 only)
Negated
0 1 1 1
7 Bytes
Extended 7 bytes
SDMA (MPC8280 only)
Negated
0 0 0 0
8 Bytes
Double-word (maximum data bus size)
Core and DMA
Negated
1 0 0 1
16 Bytes
Extended double double word
SDMA (MPC8280 only)
Negated
1 0 1 0
24 Bytes
Extended triple double word
SDMA (MPC8280 only)
Asserted
0 0 1 0
32 bytes
Quad double-word (4 maximum data
beats)
Core and DMA
Table 8-5. Burst Ordering
Data Transfer
Double Word Starting Address:
A[27–28] = 001
1 A[27–28] specifies the first double word of the 32-byte block being transferred; any subsequent double words must
wrap-around the block. A[29–31] are always 0b000 for burst transfers by the MPC8280.
A[27–28] = 01
A[27–28] = 10
A[27–28] = 11
1st data beat
DW02
2 DWx represents the double word that would be addressed by A[27–28] = x if a nonburst transfer were performed.
DW1
DW2
DW3
2nd data beat
DW1
DW2
DW3
DW0
3rd data beat
DW2
DW3
DW0
DW1
4th data beat
DW3
DW0
DW1
DW2
Table 8-4. Transfer Size Signal Encoding (continued)
TBST
TSIZ[0–3]
Transfer Size
Comments
Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com