Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8270 Datasheet(PDF) 299 Page - Freescale Semiconductor, Inc

Part # MPC8270
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270 Datasheet(HTML) 299 Page - Freescale Semiconductor, Inc

Back Button MPC8270 Datasheet HTML 295Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 296Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 297Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 298Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 299Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 300Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 301Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 302Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 303Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 299 / 1386 page
background image
The 60x Bus
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
8-23
TA/ARTRY relationship is not met, the master may enter an undefined state. Users may use
PPC_ACR[DBGD] to ensure correct operation of the system.
During the clock of a qualified ARTRY, each device master determines whether it should negate BR and
ignore BG on the following cycle. The following cycle is referred to as the window-of-opportunity for the
snooping master. During this window, only the snooping master that asserted ARTRY and requires a snoop
copyback operation is allowed to assert BR. This guarantees the snooping master a window of opportunity
to request and be granted the bus before the just-retried master can restart its transaction. BG is also
blocked in the window-of-opportunity, so the arbiter has a chance to negate BG to an already granted
potential bus master to perform a new arbitration.
Note that in some systems, an external processor may be unable to perform a pending snoop copyback
when a new snoop operation is performed. In this case, the MPC8280 requests the window of opportunity
if it hits on the new snooped address. To clear its internal snoop queue, it performs the snoop copyback
operation for the earlier snooped address instead of the current snooped address.
8.4.4.2
Address Tenure Timing Configuration
During address tenures initiated by 60x-bus devices, the timing of the assertion of AACK by the MPC8280
is determined by the BCR[APD] and the pipeline status of the 60x bus. Because the MPC8280 can support
one level of pipelining, it uses AACK to control the 60x-bus pipeline condition. To maintain the one-level
pipeline, AACK is not asserted for a pipelined address tenure until the current data tenure ends. The
MPC8280 also delays asserting AACK until no more address retry conditions can occur. Note that the
earliest the MPC8280 can assert AACK is the clock cycle when the wait-state values set by BCR[APD]
have expired.
BCR[APD] specifies the minimum number of address tenure wait states for address operations initiated
by 60x-bus devices. APD indicates how many cycles the MPC8280 should wait for ARTRY, but because
it is assumed that ARTRY can be asserted (by other masters) only on cacheable address spaces, APD is
considered only on transactions that hit a 60x-assigned memory controller bank and that have GBL
asserted during the address phase.
Extra wait states may occur because of other MPC8280 configuration parameters. Note that in a system
with an L2 cache, the number of wait states configured by BCR[APD] should be at least as large as the
value needed by the L2 controller to assert hit response. In systems with multiple potential masters, the
number of wait states configured by BCR[APD] should be at least as large as the value the slowest master
would need by to assert a snoop response. For example, additional wait states are required when the
internal processor is in 1:1 clock mode; this case requires at least one wait state to generate the ARTRY
response.
8.4.5
Pipeline Control
The MPC8280 supports the two following modes:
•
One-level pipeline mode—To maintain the one-level pipeline, AACK is not asserted for a
pipelined address tenure until the current data tenure ends. In 60x-compatible bus mode, a
two-level pipeline depth can occur (for example, when an external 60x-bus slave does not support



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com