Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8270 Datasheet(PDF) 301 Page - Freescale Semiconductor, Inc

Part # MPC8270
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270 Datasheet(HTML) 301 Page - Freescale Semiconductor, Inc

Back Button MPC8270 Datasheet HTML 297Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 298Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 299Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 300Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 301Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 302Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 303Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 304Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 305Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 1386 page
background image
The 60x Bus
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
8-25
•
External masters connected to the 60x bus must assert DBB only for the duration of its data tenure.
External masters should not use DBB to prevent other masters from using the data bus after their
data tenure has ended.
8.5.2
Data Streaming Mode
The MPC8280 supports a special data streaming mode that can improve bus performance in some
conditions. Generally, the bus protocol requires one idle cycle between any two data tenures. This idle
cycle is essential to prevent contention on the data bus when the driver of the data is changing. However,
when the driver on the data bus is the same for both data tenures, this idle cycle may be omitted.
In data streaming mode, the MPC8280 omits the idle cycle where possible. MPC8280 applications often
require data stream transfers of more than 4 x 64 bits. For example, the ATM cell’s payload is 6 x 64 bits.
All this data is driven from a single device on the bus, so data-streaming saves a cycle for such a transfer.
When data-streaming mode is enabled, transactions initiated by the core are not affected, while
transactions initiated by other bus masters within the chip omit the idle cycle if the data driver is the same.
Note that data streaming mode cannot be enabled when the MPC8280 is in 60x-compatible bus mode and
a device that uses DBB is connected to the bus. This restriction is due to the fact that a MPC8280 for which
data streaming mode is enabled may leave DBB asserted after the last TA of a transaction and this is a
violation of the strict bus protocol. The data streaming mode is enabled by setting BCR[ETM].
8.5.3
Data Bus Transfers and Normal Termination
The data transfer signals include D[0–63] and DP[0–7]. For memory accesses, the data signals form a
64-bit data path, D[0–63], for read and write operations.
The MPC8280 handles data transfers in either single-beat or burst operations. Single-beat operations can
transfer from 1 to 24 bytes of data at a time. Burst operations always transfer eight words in four
double-word beats. A burst transaction is indicated by the assertion of TBST by the bus master. A
transaction is terminated normally by asserting TA.
The three following signals are used to terminate the individual data beats of the data tenure and the data
tenure itself:
•TA indicates normal termination of data transactions. It must always be asserted on the bus cycle
coincident with the data that it is qualifying. It may be withheld by the slave for any number of
clocks until valid data is ready to be supplied or accepted.
•
Asserting TEA indicates a nonrecoverable bus error event. Upon receiving a final (or only)
termination condition, the MPC8280 always negates DBB for one cycle, except when fast data bus
grant is performed.
•
Asserting ARTRY causes the data tenure to be terminated immediately if the ARTRY is for the
address tenure associated with the data tenure in operation (the data tenure may not be terminated
due to address pipelining). The earliest allowable assertion of TA depends directly on the latest
possible assertion of ARTRY.
Figure 8-8 shows both a single-beat and burst data transfer. The MPC8280 asserts TA to mark the cycle in
which data is accepted. In a normal burst transfer, the fourth assertion of TA signals the end of a transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com