Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8270 Datasheet(PDF) 113 Page - Freescale Semiconductor, Inc

Part # MPC8270
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270 Datasheet(HTML) 113 Page - Freescale Semiconductor, Inc

Back Button MPC8270 Datasheet HTML 109Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 110Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 111Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 112Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 113Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 114Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 115Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 116Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 117Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 1386 page
background image
Overview
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
1-19
Serial throughput is enhanced by connecting one MPC8280 in master or slave mode (with system core
enabled or disabled) to another MPC8280 in master mode with the core enabled. The core in MPC8280-A
can access the memory on the local bus of MPC8280-B.
1.7.2.3
High-Performance System Microprocessor
Figure 1-11 shows a configuration with a high-performance system microprocessor (MPC750).
Figure 1-11. High-Performance System Microprocessor Configuration
In this system, the G2_LE core internal is disabled and an external high-performance microprocessor is
connected to the 60x bus.
MPC750
32-Kbyte I cache
32-Kbyte D cache
Backside
Cache
MPC8280 (slave)
Local Bus
SDRAM/SRAM/DRAM
60x Bus
SDRAM/SRAM/DRAM
ATM
Connection Tables
Communication
Channels
UTOPIA
PHY
155 Mbps
PHY
ATM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com