Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8270 Datasheet(PDF) 115 Page - Freescale Semiconductor, Inc

Part # MPC8270
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270 Datasheet(HTML) 115 Page - Freescale Semiconductor, Inc

Back Button MPC8270 Datasheet HTML 111Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 112Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 113Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 114Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 115Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 116Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 117Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 118Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 119Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 1386 page
background image
Overview
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
1-21
This system supports PCI and implements a 155-Mbps, full-duplex ATM with more than 128 active
connections. The MPC8280 cannot support both functions simultaneously. The local bus is needed to store
ATM connection tables. Therefore, an external PCI bridge is necessary. In systems with fewer than 128
active connections or where the ATM average bit rate is lower that 155 Mbps, the local bus may not be
necessary to store connection tables, and it may be possible to use it as PCI bus.
1.7.2.6
The MPC8280 as PCI Agent
Figure 1-14 shows the configuration when the MPC8280 acts as the PCI agent.
Figure 1-14. MPC8280 as PCI Agent
In this system, the MPC8280 is a PCI agent on an I/O card and the PCI host resides on the PCI bus. An
external PCI bridge is used to connect the host to the PCI bus. The internal PCI bridge in the MPC8280 is
used to bridge between the PCI bus and the 60x bus on the MPC8280.
PCI Bus
60x Bus
SDRAM/SRAM/DRAM
ATM Connection Tables
and/or
MPC8280
Communication
Channels
UTOPIA
PHY
ATM
PHY
PCI Bridge
System Bus
Host
Processor
Agent
Host
Memory
Communication Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com