Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8270 Datasheet(PDF) 118 Page - Freescale Semiconductor, Inc

Part # MPC8270
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270 Datasheet(HTML) 118 Page - Freescale Semiconductor, Inc

Back Button MPC8270 Datasheet HTML 114Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 115Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 116Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 117Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 118Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 119Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 120Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 121Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 122Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 1386 page
background image
G2_LE Core
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
2-2
Freescale Semiconductor
Figure 2-1 is a block diagram of the processor core.
Figure 2-1. MPC8280 Integrated Processor Core Block Diagram
64-Bi
t
64-Bit (Two Instructions)
32-Bit
Branch
Processing
Unit
32-/64-Bit Data Bus
32-Bit Address Bus
Instruction Unit
Integer
Unit
Floating-
Point Unit
FPR File
FP Rename
Registers
16-Kbyte
D Cache
Tags
Sequential
Fetcher
CTR
CR
LR
+
*
/
FPSCR
System
Register
Unit
+
*
/
Core Interface
D MMU
SRs
DTLB
DBAT
Array
Touch Load Buffer
Copy-Back Buffer
64-Bit
Dispatch Unit
64-Bit (Two Instructions)
Power
Dissipation
Control
Completion
Unit
Time Base
Counter/
Decrementer
Clock
Multiplier
JTAG/COP
Interface
XER
I MMU
SRs
ITLB
IBAT
Array
16-Kbyte
I Cache
Tags
64-Bit
64-Bit
32-Bit
GPR File
Load/Store
Unit
+
64-Bit
GP Rename
Registers
Instruction
Queue
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com