Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8270 Datasheet(PDF) 121 Page - Freescale Semiconductor, Inc

Part # MPC8270
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270 Datasheet(HTML) 121 Page - Freescale Semiconductor, Inc

Back Button MPC8270 Datasheet HTML 117Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 118Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 119Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 120Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 121Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 122Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 123Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 124Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 125Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 1386 page
background image
G2_LE Core
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
2-5
•
Deterministic behavior and debug features
— On-chip cache locking options for the instruction and data caches (1–3 ways or the entire cache
contents can be locked)
— In-system testability and debugging features through JTAG and boundary-scan capability
Features supported by the G2_LE core not present on the MPC8280:
•
True little-endian mode for compatibility with other true little-endian devices
•
Nap and sleep power-saving modes
Figure 2-1 shows how the execution units—IU, BPU, LSU, and SRU—operate independently and in
parallel. Note that this is a conceptual diagram and does not attempt to show how these features are
physically implemented on the chip.
The processor core provides address translation and protection facilities, including an ITLB, DTLB, and
instruction and data BAT arrays. Instruction fetching and issuing is handled in the instruction unit. The
MMUs translate addresses for cache or external memory accesses.
2.2.1
Instruction Unit
As shown in Figure 2-1, the instruction unit, which contains a fetch unit, instruction queue, dispatch unit,
and the BPU, provides centralized control of instruction flow to the execution units. The instruction unit
determines the address of the next instruction to be fetched based on information from the sequential
fetcher and from the BPU.
The instruction unit fetches the instructions from the instruction cache into the instruction queue. The BPU
extracts branch instructions from the fetcher and uses static branch prediction on unresolved conditional
branches to allow the instruction unit to fetch instructions from a predicted target instruction stream while
a conditional branch is evaluated. The BPU folds out branch instructions for unconditional branches or
conditional branches unaffected by instructions in progress in the execution pipeline.
Instructions issued beyond a predicted branch do not complete execution until the branch is resolved,
preserving the programming model of sequential execution. If any of these instructions are to be executed
in the BPU, they are decoded but not issued. Instructions to be executed by the IU, LSU, and SRU are
issued and allowed to complete up to the register write-back stage. Write-back is allowed when a correctly
predicted branch is resolved, and instruction execution continues without interruption on the predicted
path. If branch prediction is incorrect, the instruction unit flushes all predicted path instructions, and
instructions are issued from the correct path.
2.2.2
Instruction Queue and Dispatch Unit
The instruction queue (IQ), shown in Figure 2-1, holds as many as six instructions and loads up to two
instructions from the instruction unit during a single cycle. The instruction fetch unit continuously loads
as many instructions as space in the IQ allows. Instructions are dispatched to their respective execution
units from the dispatch unit at a maximum rate of two instructions per cycle. Reservation stations at the
IU, LSU, and SRU facilitate instruction dispatch to those units. The dispatch unit checks for source and
destination register dependencies, determines dispatch serializations, and inhibits subsequent instruction
dispatching as required. Section 2.7, “Instruction Timing,” describes instruction dispatch in detail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com