Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8270 Datasheet(PDF) 153 Page - Freescale Semiconductor, Inc

Part # MPC8270
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270 Datasheet(HTML) 153 Page - Freescale Semiconductor, Inc

Back Button MPC8270 Datasheet HTML 149Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 150Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 151Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 152Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 153Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 154Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 155Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 156Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 157Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 1386 page
background image
Memory Map
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
3-9
0x10D40
Port C data direction register (PDIRC)
R/W
32 bits
0x0000_0000
41.2.3/41-3
0x10D44
Port C pin assignment register (PPARC)
R/W
32 bits
0x0000_0000
41.2.4/41-4
0x10D48
Port C special option register (PSORC)
R/W
32 bits
0x0000_0000
41.2.5/41-4
0x10D4C
Port C open drain register (PODRC)
R/W
32 bits
0x0000_0000
41.2.1/41-2
0x10D50
Port C data register (PDATC)
R/W
32 bits
0x0000_0000
41.2.2/41-2
0x10D54–
0x10D5F
Reserved
—
12 bytes
—
—
0x10D60
Port D data direction register (PDIRD)
R/W
32 bits
0x0000_0000
41.2.3/41-3
0x10D64
Port D pin assignment register (PPARD)
R/W
32 bits
0x0000_0000
41.2.4/41-4
0x10D68
Port D special option register (PSORD)
R/W
32 bits
0x0000_0000
41.2.5/41-4
0x10D6C
Port D open drain register (PODRD)
R/W
32 bits
0x0000_0000
41.2.1/41-2
0x10D70
Port D data register (PDATD)
R/W
32 bits
0x0000_0000
41.2.2/41-2
CPM Timers
0x10D80
Timer 1 and timer 2 global configuration register (TGCR1)
R/W
8 bits
0x00
18.2.2/18-3
0x10D81
Reserved
—
24 bits
—
—
0x10D84
Timer 3 and timer 4 global configuration register (TGCR2)
R/W
8 bits
0x00
18.2.2/18-3
0x10D85–
0x10D8F
Reserved
—
11 bytes
—
—
0x10D90
Timer 1 mode register (TMR1)
R/W
16 bits
0x0000
18.2.3/18-5
0x10D92
Timer 2 mode register (TMR2)
R/W
16 bits
0x0000
18.2.3/18-5
0x10D94
Timer 1 reference register (TRR1)
R/W
16 bits
0x0000
18.2.4/18-6
0x10D96
Timer 2 reference register (TRR2)
R/W
16 bits
0x0000
18.2.4/18-6
0x10D98
Timer 1 capture register (TCR1)
R/W
16 bits
0x0000
18.2.5/18-7
0x10D9A
Timer 2 capture register (TCR2)
R/W
16 bits
0x0000
18.2.5/18-7
0x10D9C
Timer 1 counter (TCN1)
R/W
16 bits
0x0000
18.2.6/18-7
0x10D9E
Timer 2 counter (TCN2)
R/W
16 bits
0x0000
18.2.6/18-7
0x10DA0
Timer 3 mode register (TMR3)
R/W
16 bits
0x0000
18.2.3/18-5
0x10DA2
Timer 4 mode register (TMR4)
R/W
16 bits
0x0000
18.2.3/18-5
0x10DA4
Timer 3 reference register (TRR3)
R/W
16 bits
0x0000
18.2.4/18-6
0x10DA6
Timer 4 reference register (TRR4)
R/W
16 bits
0x0000
18.2.4/18-6
0x10DA8
Timer 3 capture register (TCR3)
R/W
16 bits
0x0000
18.2.5/18-7
0x10DAA
Timer 4 capture register (TCR4)
R/W
16 bits
0x0000
18.2.5/18-7
0x10DAC
Timer 3 counter (TCN3)
R/W
16 bits
0x0000
18.2.6/18-7
Table 3-1. Internal Memory Map (continued)
Address
(offset)
Register
R/W
Size
Reset
Section/Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com