Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8270 Datasheet(PDF) 154 Page - Freescale Semiconductor, Inc

Part # MPC8270
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270 Datasheet(HTML) 154 Page - Freescale Semiconductor, Inc

Back Button MPC8270 Datasheet HTML 150Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 151Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 152Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 153Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 154Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 155Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 156Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 157Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 158Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 1386 page
background image
Memory Map
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
3-10
Freescale Semiconductor
0x10DAE
Timer 4 counter (TCN4)
R/W
16 bits
0x0000
18.2.6/18-7
0x10DB0
Timer 1 event register (TER1)
R/W
16 bits
0x0000
18.2.7/18-7
0x10DB2
Timer 2 event register (TER2)
R/W
16 bits
0x0000
18.2.7/18-7
0x10DB4
Timer 3 event register (TER3)
R/W
16 bits
0x0000
18.2.7/18-7
0x10DB6
Timer 4 event register (TER4)
R/W
16 bits
0x0000
18.2.7/18-7
0x10DB8–
0x11017
Reserved
—
608
bytes
——
SDMA–General
0x11018
SDMA status register (SDSR)
R/W
8 bits
0x00
19.2.1/19-3
0x11019
Reserved
—
24 bits
—
—
0x1101C
SDMA mask register (SDMR)
R/W
8 bits
0x00
19.2.2/19-4
0x1101D
Reserved
—
24 bits
—
—
IDMA
0x11020
IDMA 1 event register (IDSR1)
R/W
8 bits
0x00
19.8.4/19-22
0x11021
Reserved
—
24 bits
—
—
0x11024
IDMA 1 mask register (IDMR1)
R/W
8 bits
0x00
19.8.4/19-22
0x11025
Reserved
—
24 bits
—
—
0x11028
IDMA 2 event register (IDSR2)
R/W
8 bits
0x00
19.8.4/19-22
0x11029
Reserved
—
24 bits
—
—
0x1102C
IDMA 2 mask register (IDMR2)
R/W
8 bits
0x00
19.8.4/19-22
0x1102D
Reserved
—
24 bits
—
—
0x11030
IDMA 3 event register (IDSR3)
R/W
8 bits
0x00
19.8.4/19-22
0x11031
Reserved
—
24 bits
—
—
0x11034
IDMA 3 mask register (IDMR3)
R/W
8 bits
0x00
19.8.4/19-22
0x11035
Reserved
—
24 bits
—
—
0x11038
IDMA 4 event register (IDSR4)
R/W
8 bits
0x00
19.8.4/19-22
0x11039
Reserved
—
24 bits
—
—
0x1103C
IDMA 4 mask register (IDMR4)
R/W
8 bits
0x00
19.8.4/19-22
0x1103D–
0x112FF
Reserved
—
707
bytes
——
Table 3-1. Internal Memory Map (continued)
Address
(offset)
Register
R/W
Size
Reset
Section/Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com