Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8270 Datasheet(PDF) 172 Page - Freescale Semiconductor, Inc

Part # MPC8270
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270 Datasheet(HTML) 172 Page - Freescale Semiconductor, Inc

Back Button MPC8270 Datasheet HTML 168Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 169Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 170Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 171Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 172Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 173Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 174Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 175Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 176Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 1386 page
background image
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
II-2
Freescale Semiconductor
example, MSR[LE] refers to the little-endian mode enable bit in the machine state
register.
x
In certain contexts, such as in a signal encoding or a bit field, indicates a don’t
care.
n
Indicates an undefined numerical value
Acronyms and Abbreviations
Table II-1 contains acronyms and abbreviations that are used in this document. Note that the meanings for
some acronyms (such as SDR1 and DSISR) are historical, and the words for which an acronym stands may
not be intuitively obvious.
Table II-1. Acronyms and Abbreviated Terms
Term
Meaning
BIST
Built-in self test
DMA
Direct memory access
DRAM
Dynamic random access memory
EA
Effective address
GPR
General-purpose register
IEEE
Institute of Electrical and Electronics Engineers
LSB
Least-significant byte
lsb
Least-significant bit
LSU
Load/store unit
MSB
Most-significant byte
msb
Most-significant bit
MSR
Machine state register
PCI
Peripheral component interconnect
RTOS
Real-time operating system
Rx
Receive
SPR
Special-purpose register
SWT
Software watchdog timer
Tx
Transmit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com