Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8270 Datasheet(PDF) 175 Page - Freescale Semiconductor, Inc

Part # MPC8270
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270 Datasheet(HTML) 175 Page - Freescale Semiconductor, Inc

Back Button MPC8270 Datasheet HTML 171Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 172Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 173Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 174Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 175Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 176Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 177Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 178Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 179Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 1386 page
background image
System Interface Unit (SIU)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
4-3
Figure 4-2 is a block diagram of the system configuration and protection logic.
Figure 4-2. System Configuration and Protection Logic
Many aspects of system configuration are controlled by several SIU module configuration registers,
described in Section 4.3.2, “System Configuration and Protection Registers.”
4.1.1
Bus Monitor
The MPC8280 has two bus monitors, one for the 60x bus and one for the local bus. The bus monitor
ensures that each bus cycle is terminated within a reasonable period. The bus monitor does not count when
the bus is idle. When a transaction starts (TS asserted), the bus monitor starts counting down from the
time-out value. For standard bus transactions with an address tenure and a data tenure, the bus monitor
counts until a data beat is acknowledged on the bus. It then reloads the time-out value and resumes the
count down. This process continues until the whole data tenure is completed. Following the data tenure
the bus monitor will idle in case there is no pending transaction; otherwise it will reload the time-out value
and resume counting.
For address-only transactions, the bus monitor counts until AACK is asserted. If the monitor times out for
a standard bus transaction, transfer error acknowledge (TEA) is asserted. If the monitor times out for an
address-only transaction, the bus monitor asserts AACK and a core machine check or reset interrupt is
generated, depending on SYPCR[SWRI]. To allow variation in system peripheral response times,
SYPCR[BMT] defines the time-out period, whose maximum value can be 2,040 system bus clocks. The
timing mechanism is clocked by the system bus clock divided by eight.
4.1.2
Timers Clock
The two SIU timers (the time counter and the periodic interrupt timer) use the same clock source,
timersclk, which can be derived from several sources, as described in Figure 4-3.
Module
Configuration
Bus
Monitors
Periodic Interrupt
Timer
Software
Watchdog Timer
Time
Counter
TEA
Interrupt
Core’s MCP
Interrupt
Core’s MCP
System Reset
timersclk
Bus Clock
timersclk
System Reset
Bus clock/8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com