Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8270 Datasheet(PDF) 200 Page - Freescale Semiconductor, Inc

Part # MPC8270
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270 Datasheet(HTML) 200 Page - Freescale Semiconductor, Inc

Back Button MPC8270 Datasheet HTML 196Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 197Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 198Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 199Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 200Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 201Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 202Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 203Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 204Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 1386 page
background image
System Interface Unit (SIU)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
4-28
Freescale Semiconductor
11
EAV
Enable address visibility. Normally, when the MPC8280 is in single-MPC8280 bus mode, the bank
select signals for SDRAM accesses are multiplexed on the 60x bus address lines. So, for SDRAM
accesses, the internal address is not visible for debug purposes. However the bank select signals
can also be driven on dedicated pins (see SIUMCR[APPC]). In this case EAV can be used to force
address visibility.
0 Bank select signals are driven on 60x bus address lines. There is no full address visibility.
1 Bank select signals are not driven on address bus. During READ and WRITE commands to
SDRAM devices, the full address is driven on 60x bus address lines.
12
ETM
Compatibility mode enable. See Section 8.4.3.8, “Extended Transfer Mode.”
0 Strict 60x bus mode. Extended transfer mode is disabled.
1 Extended transfer mode is enabled.
13
LETM
Local bus compatibility mode enable. See Section 8.4.3.8, “Extended Transfer Mode.”
0 Extended transfer mode is disabled on the local bus.
1 Extended transfer mode is enable on the local bus.
Note that if the local bus memory controller is configured to work with read-modify-write parity, LETM
must be cleared.
14
EPAR
Even parity. Determines odd or even parity on the 60x bus.
0 Odd parity
1Even parity
Writing the memory with EPAR = 1 and reading the memory with EPAR = 0 generates parity errors
for testing.
15
LEPAR Local bus even parity. Determines odd or even parity on the local bus.
0 Odd parity
1Even parity
Writing the memory with LEPAR = 1 and reading the memory with LEPAR = 0 generates parity errors
for testing.
16–18
NPQM Non MPC8280 master. Identifies the type of bus masters which are connected to the arbitration lines
when the MPC8280 is in internal arbiter mode. Possible types are MPC8280 master and
non-MPC8280 master. This field is related to the data pipelining bits (BRx[DR]) in the memory
controller. Because an external bus master that is not a MPC8280 cannot use the data pipelining
feature, the MPC8280, which controls the memory, needs to know when a non-MPC8280 master is
accessing the memory and handle the transaction differently.
NPQM[0] designates the type of master connected to the set of pins BR, BG, and DBG.
NPQM[1] designates the type of master connected to the set of pins EXT_BR2, EXT_BG2, and
EXT_DBG2.
NPQM[2] designates the type of master which is connected to the set of pins EXT_BR3, EXT_BG3
and EXT_DBG3
0 The bus master connected to the arbitration lines is a MPC8280.
1 The bus master connected to the arbitration lines is not a MPC8280.
19–20
—
Reserved, should be cleared.
Table 4-9. BCR Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com