Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8270 Datasheet(PDF) 203 Page - Freescale Semiconductor, Inc

Part # MPC8270
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270 Datasheet(HTML) 203 Page - Freescale Semiconductor, Inc

Back Button MPC8270 Datasheet HTML 199Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 200Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 201Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 202Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 203Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 204Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 205Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 206Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 207Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 1386 page
background image
System Interface Unit (SIU)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
4-31
PPC_ALRL, shown in Figure 4-24, defines arbitration priority of 60x bus masters 8–15. Priority field 0 is
the highest-priority arbitration level. For information about the MPC8280 bus master indexes, see the
description of PPC_ACR[PRKM] in Table 4-10.
4.3.2.4
Local Bus Arbiter Configuration Register (LCL_ACR)
The local bus arbiter configuration register (LCL_ACR), shown in Figure 4-25, defines the arbiter modes
and the parked master on the local bus.
Table 4-11 describes LCL_ACR register bits.
03
47
8
11
12
15
Field
Priority Field 8
Priority Field 9
Priority Field 10
Priority Field 11
Reset
1000
1001
1010
1011
R/W
R/W
Addr
0x10030
16
19
20
23
24
27
28
31
Field
Priority Field 12
Priority Field 13
Priority Field 14
Priority Field 15
Reset
1100
1101
1110
1111
R/W
R/W
Addr
0x10032
Figure 4-24. PPC_ALRL
0
123
4
7
Field
—
DBGD
—
PRKM
Reset
0000_0010
R/W
R/W
Addr
0x10034
Figure 4-25. LCL_ACR
Table 4-11. LCL_ACR Field Descriptions
Bits
Name
Description
0–1
—
Reserved, should be cleared.
2
DBGD
Data bus grant delay. Specifies the minimum number of data tenure wait states for PowerPC
master-initiated data operations. This is the minimum delay between TS and DBG.
0DBG is asserted with TS if the data bus is free.
1DBG is asserted one cycle after TS if the data bus is not busy.
See Section 8.5.1, “Data Bus Arbitration.”
3
—
Reserved, should be cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com