Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8270 Datasheet(PDF) 207 Page - Freescale Semiconductor, Inc

Part # MPC8270
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270 Datasheet(HTML) 207 Page - Freescale Semiconductor, Inc

Back Button MPC8270 Datasheet HTML 203Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 204Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 205Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 206Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 207Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 208Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 209Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 210Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 211Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 1386 page
background image
System Interface Unit (SIU)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
4-35
8–9
LBPC
Local bus pins configuration.
Note: LBPC should be programmed only during the hard reset configuration sequence (using the hard
reset configuration word).
00 Local bus pins function as local bus
01 Local bus pins function as PCI bus. Reserved on all other devices.
10 Local bus pins function as core pins
11 Reserved
10–11
APPC
Address parity pins configuration. Note that during power on reset the MODCK pins are used for PLL
configuration. The pin multiplexing indicated in the table applies only to normal operation. Selection
between IRQ7 and INT_OUT is according to CPU state. If the core is disabled, the pin is INT_OUT;
otherwise it is IRQ7.
Pin
APPC
00
01
10
11
MODCK1/AP(1)/TC(0)/
BNKSEL(0)
TC(0)
AP(1)
BNKSEL(0)
—
MODCK2/AP(2)/TC(1)/
BNKSEL(1)
TC(1)
AP(2)
BNKSEL(1)
MODCK3/AP(3)/TC(2)/
BNKSEL(2)
TC(2)
AP(3)
BNKSEL(2)
IRQ7/INT_OUT/APE
IRQ7/
INT_OUT
APE
IRQ7/
INT_OUT
IRQ7/
INT_OUT
CS11/AP(0)
CS11
AP(0)
CS11
—
12–13
CS10PC Chip select 10-pin configuration.
Pin
CS10PC
00
01
10
CS10/BCTL1
CS10
BCTL1
—
14–15
BCTLC
Configuration for the control lines for external buffers.
00 BCTL0 is used as W/R control for external buffers. BCTL1 is used as OE control for external buffers.
01 BCTL0 is used as W/R control for external buffers. BCTL1 is used as OE control for external buffers.
10 BCTL0 is used as WE control for external buffers. BCTL1 is used as RE control for external buffers.
11 Reserved
16-17
MMR
Mask masters requests. In some systems, several bus masters are active during normal operation; only
one should be active during boot sequence. The active master, which is the boot device, initializes
system memories and devices and enables all other masters. MMR facilitates such a boot scheme by
masking the selected master’s bus requests. MMR can be configured through the hard reset
configuration sequence (see Section 5.4.2, “Hard Reset Configuration Examples”). Typically system
configuration identifies only one master is the boot device, which initializes the system and then
enables all other devices by writing 00 to MMR.
Note: It is not recommended to mask the request of a master which is defined as the parked master in
the arbiter, since this cannot prevent this master from getting a bus grant.
00 No masking on bus request lines.
01 Reserved
10 The MPC8280’s internal core bus request masked and external bus requests two and three masked
(boot master connected to external bus request 1).
11 All external bus requests masked (boot master is the MPC8280’s internal core).
Table 4-12. SIUMCR Register Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com