Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8270 Datasheet(PDF) 211 Page - Freescale Semiconductor, Inc

Part # MPC8270
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270 Datasheet(HTML) 211 Page - Freescale Semiconductor, Inc

Back Button MPC8270 Datasheet HTML 207Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 208Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 209Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 210Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 211Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 212Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 213Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 214Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 215Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 1386 page
background image
System Interface Unit (SIU)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
4-39
4.3.2.10
60x Bus Transfer Error Status and Control Register 1 (TESCR1)
The 60x bus transfer error status and control register 1 (TESCR1) is shown in Figure 4-31.
Table 4-15 describes TESCR1 fields.
01
23
4
5
6
7
9
10
11
15
Field
BM
ISBE PAR
ECC2
ECC1
WP
EXT
TC
—
TT
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x10040
16
17
18
19
20
21
22
23
24
31
Field
—
DMD
—
PCIMCP
DER IRQ0 SWD ADO
ECNT
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x10042
Note: Bits 0–15 and 19–23 are status bits and are cleared by writing 1s.
Figure 4-31. 60x Bus Transfer Error Status and Control Register 1 (TESCR1)
Table 4-15. TESCR1 Field Descriptions
Bits
Name
Description
0
BM
60x bus monitor time-out. Set when TEA is asserted due to the 60x bus monitor time-out.
1
ISBE
Internal space bus error. Indicates that one of the following occurred:
•TEA was asserted due to an error on a transaction to MPC8280’s internal memory space
• An MCP was caused by a parity error on a transaction to MPC8280’s internal memory space. Possible
only if BCR[SPAR] = 1.
TESCR2[REGS,DPR, LCL, PCI0, PCI1] indicate which of MPC8280’s internal slaves caused the error.
2
PAR
60x bus parity error. Indicates that an MCP was caused due to one of the following:
• Parity error on 60x bus access controlled by the memory controller. TESCR2[PB] indicates which byte
lane caused the error; TESCR2[BNK] indicates which memory controller bank was accessed.
• Parity error on a transaction to MPC8280’s internal memory space. Possible only if BCR[SPAR] = 1.
3
ECC2
Double ECC error. Indicates that MCP was asserted due to double ECC error on the 60x bus.
TESCR2[BNK] indicates which memory controller bank was accessed.
4
ECC1
Single ECC error. Indicates that MCP was asserted due to single bit ECC error on the 60x bus.
TESCR2[BNK] indicates which memory controller bank was accessed. Single-bit errors are fixed by the
ECC logic. However, if the ECC counter (ECNT) has reached its maximum value, all single-bit errors
cause the assertion of MCP.
5
WP
Write protect error. Indicates that a write was attempted to a 60x bus memory region that was defined as
read-only in the memory controller. Note that this alone does not cause TEA assertion. Usually, in this
case, the bus monitor will time-out.
6
EXT
External error. Indicates that TEA was asserted by an external bus slave.
7–9
TC
Transfer code. Indicates the transfer code of the 60x bus transaction that caused the TEA or MCP. See
Section 8.4.3.2, “Transfer Code Signals TC[0–2],” for a description of the various transfer codes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com