Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8270 Datasheet(PDF) 209 Page - Freescale Semiconductor, Inc

Part # MPC8270
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270 Datasheet(HTML) 209 Page - Freescale Semiconductor, Inc

Back Button MPC8270 Datasheet HTML 205Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 206Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 207Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 208Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 209Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 210Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 211Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 212Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 213Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 1386 page
background image
System Interface Unit (SIU)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
4-37
Table 4-13 describes IMMR fields.
4.3.2.8
System Protection Control Register (SYPCR)
The system protection control register, shown in Figure 4-30, controls the system monitors, software
watchdog period, and bus monitor timing. SYPCR can be read at any time but can be written only once
after system reset.
Table 4-13. IMMR Field Descriptions
Bits
Name
Description
0–13
ISB
Internal space base. Defines the base address of the internal memory space. The value of ISB
be configured at reset to one of 8 addresses; it can then be changed to any value by the
software. The default is 0, which maps to address 0x0000_0000.
ISB defines the 14 msbs of the memory map register base address. IMMR itself is mapped in the
internal memory space region. As soon as the ISB is written with a new base address, the IMMR
base address is relocated according to the ISB. ISB can be configured to one of 8 possible
addresses at reset to enable the configuration of multiple-MPC8280 systems.
The number of programmable bits in this field, and hence the resolution of the location of
internal space, depends on the internal memory space of a specific implementation. In the
MPC8280, all 14 bits can be programmed. See Chapter 3, “Memory Map,” for details on the
device’s internal memory map and Chapter 5, “Reset,” for the available default initial values.
14–15
—
Reserved, should be cleared.
16–23
PARTNUM
Part number. This read-only field is mask-programmed with a code corresponding to the part
number of the part on which the SIU is located. It is intended to help factory test and user code
which is sensitive to part changes. This changes when the part number changes. For example,
it would change if any new module is added or if the size of any memory module is changed. It
would not change if the part is changed to fix a bug in an existing module. The part number for
the MPC8280 is 0x0A.
24–31
MASKNUM Mask number. This read-only field is mask-programmed with a code corresponding to the mask
number of the part on which the SIU is located. It is intended to help factory test and user code
which is sensitive to part changes. It is programmed in a commonly changed layer and should
be changed for all mask set changes. The first revision of the MPC8280 has 0x00 in this field.
The value of this field is changed every revision of the device.
0
15
Field
SWTC
Reset
1111_1111_1111_1111
R/W
R/W
Addr
0x10004
16
23
24
25
26
28
29
30
31
Field
BMT
PBME LBME
—
SWE SWRI SWP
Reset
1111_1111
0
0
00_0
1
1
1
R/W
R/W
Addr
0x10006
Figure 4-30. System Protection Control Register (SYPCR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com