Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7GEME4 Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST7GEME4
Description  Full-speed USB MCU with smartcard firmware and EMV/non-EMV interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7GEME4 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST7GEME4 Datasheet HTML 8Page - STMicroelectronics ST7GEME4 Datasheet HTML 9Page - STMicroelectronics ST7GEME4 Datasheet HTML 10Page - STMicroelectronics ST7GEME4 Datasheet HTML 11Page - STMicroelectronics ST7GEME4 Datasheet HTML 12Page - STMicroelectronics ST7GEME4 Datasheet HTML 13Page - STMicroelectronics ST7GEME4 Datasheet HTML 14Page - STMicroelectronics ST7GEME4 Datasheet HTML 15Page - STMicroelectronics ST7GEME4 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
ST7GEME4 implementation
ST7GEME4
12/28
Drivers
USB and serial versions
– Microsoft Windows 2000/XP/Server 2003
– Microsoft Windows CE 4.1/4.2/5.0
– Linux Red Hat/SUSE/Debian
– Microsoft Windows XP 64-bit on AMD64 and
EMT64
– Microsoft Windows Server 2003 64-bit
– Mac OS 10.3/10.4
Compliance with class drivers
– Microsoft Windows 2000/XP/Server 2003
– Microsoft Windows Vista (beta version)
– Mac OS 10.3/10.4
USB interface
USB 2.0 compliant
– CCID V1.0
– Full speed, hubless
– Bus powered, low consumption
Serial host
interface
Serial asynchronous link
– Transmission rate: 9.6 Kbps to 115 Kbps
– Format: 8-bit, no parity
– Auto baud rate
Communication protocol
– CCID V1.0 on serial TTL link
Other features
Temperature range
– Operating range: 0 to +70°C
– Storage: -65 to +150°C
Environmental standard
– RoHS compliant
Table 3.
Technical features (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com