Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7GEME4 Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST7GEME4
Description  Full-speed USB MCU with smartcard firmware and EMV/non-EMV interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7GEME4 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST7GEME4 Datasheet HTML 10Page - STMicroelectronics ST7GEME4 Datasheet HTML 11Page - STMicroelectronics ST7GEME4 Datasheet HTML 12Page - STMicroelectronics ST7GEME4 Datasheet HTML 13Page - STMicroelectronics ST7GEME4 Datasheet HTML 14Page - STMicroelectronics ST7GEME4 Datasheet HTML 15Page - STMicroelectronics ST7GEME4 Datasheet HTML 16Page - STMicroelectronics ST7GEME4 Datasheet HTML 17Page - STMicroelectronics ST7GEME4 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Electrical characteristics
ST7GEME4
14/28
4.2
Recommended operating conditions
Operating conditions are given for TA = 0 to +70 °C unless otherwise specified.
Table 5.
Thermal characteristics
Symbol
Ratings
Value
Unit
RthJA
Package thermal resistance
VFQFPN24
42
°C/W
SO24
80
°C/W
TJmax
Max. junction temperature
150
°C
TSTG
Storage temperature range
-65 to +150
°C
PDmax
Power dissipation
VFQFPN24
600
mW
SO24
500
mW
Table 6.
General operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
Supply voltage
4.0
5.5
V
fOSC
External clock source
4
MHz
TA
Ambient temperature range
0
70
°C
Table 7.
Current injection on I/O port and control pins(1)
1.
When several inputs are submitted to a current injection, the maximum injected current is the sum of the
positive (resp. negative) currents (instantaneous values).
Symbol
Parameter
Conditions
Min Typ Max Unit
IINJ+
Total positive injected
current(2)(3)
2.
Positive injection. The IINJ+ is done through protection diodes insulated from the substrate of the die.
3.
For SmartCard I/Os, VCRDVCC has to be considered.
VEXTERNAL>VDD (Standard I/Os)
20
mA
VEXTERNAL>VCRDVCC (Smartcard
I/Os)
IINJ-
Total negative injected current
(4)(5)
4.
The negative injected current, IINJ-, passes through protection diodes which are NOT INSULATED from the
substrate of the die. The drawback is a small leakage (few µA) induced inside the die when a negative
injection is performed. This leakage is tolerated by the digital structure. The effect depends on the pin
which is submitted to the injection. Of course, external digital signals applied to the component must have
a maximum impedance close to 50k
Ω.
5.
Location of the negative current injection: Pure digital pins can tolerate 1.6mA. In addition, the best choice
is to inject the current as far as possible from the analog input pins.
VEXTERNAL<VSS
Digital pins
20
mA
VEXTERNAL<VSS
Analog pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com