Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7GEME4 Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST7GEME4
Description  Full-speed USB MCU with smartcard firmware and EMV/non-EMV interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7GEME4 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST7GEME4 Datasheet HTML 11Page - STMicroelectronics ST7GEME4 Datasheet HTML 12Page - STMicroelectronics ST7GEME4 Datasheet HTML 13Page - STMicroelectronics ST7GEME4 Datasheet HTML 14Page - STMicroelectronics ST7GEME4 Datasheet HTML 15Page - STMicroelectronics ST7GEME4 Datasheet HTML 16Page - STMicroelectronics ST7GEME4 Datasheet HTML 17Page - STMicroelectronics ST7GEME4 Datasheet HTML 18Page - STMicroelectronics ST7GEME4 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
ST7GEME4
Electrical characteristics
15/28
Table 8 characteristics are measured at TA=0 to +70
oC, and V
DD-VSS=5.5V unless
otherwise specified.
Table 9 characteristics are measured at TA=0 to +70
oC. Voltage are referred to V
SS unless
otherwise specified.
Table 8.
Current consumption(1)
1.
All I/O pins are in input mode with a static value at VDD or VSS; clock input (OSCIN) driven by external
square wave.
Symbol
Parameter
Conditions
Min
Typ.
Max
Unit
IDD
Supply current in RUN mode(2)
2.
CPU running with memory access, all I/O pins in input mode with a static value at VDD or VSS; clock input
(OSCIN) driven by external square wave.
fOSC = 4MHz
10
15
mA
Supply current in suspend mode
External ILOAD = 0mA
(USB transceiver
enabled)
500
µA
Supply current in Halt mode
External ILOAD = 0mA
(USB transceiver
disabled)
50
100
Table 9.
I/O port pins characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
Input low level voltage
VDD=5V
0.3VDD
V
VIH
Input high level voltage
VDD=5V
0.7VDD
VHYS
Schmidt trigger voltage
hysteresis(1)
1.
Hysteresis voltage between Schmitt trigger switching levels. Based on characterization results, not tested.
400
mV
VOL
Output low level voltage for
Standard I/O port pins
I=-5mA
1.3
V
I=-2mA
0.4
VOH
Output high level voltage
I=3mA
VDD-
0.8
IL
Input leakage current
VSS<VPIN<VDD
1µA
RPU
Pull-up equivalent resistor
50
90
170
k
Ω
tOHL
Output high to low level fall time
for high sink I/O port pins (Port
D)(2)
2.
Guaranteed by design, not tested in production.
Cl=50pF
68
13
ns
tOHL
Output high to low level fall time
for standard I/O port pins (Port A,
B or C)(2)
18
23
tOLH
Output L-H rise time (Port D)(2)
79
14
tOLH
Output L-H rise time for standard
I/O port pins (Port A, B or C)(2)
19
28
tITEXT
External interrupt pulse time
1
tCPU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com