Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7GEME4 Datasheet(PDF) 24 Page - STMicroelectronics

Part # ST7GEME4
Description  Full-speed USB MCU with smartcard firmware and EMV/non-EMV interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7GEME4 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ST7GEME4 Datasheet HTML 20Page - STMicroelectronics ST7GEME4 Datasheet HTML 21Page - STMicroelectronics ST7GEME4 Datasheet HTML 22Page - STMicroelectronics ST7GEME4 Datasheet HTML 23Page - STMicroelectronics ST7GEME4 Datasheet HTML 24Page - STMicroelectronics ST7GEME4 Datasheet HTML 25Page - STMicroelectronics ST7GEME4 Datasheet HTML 26Page - STMicroelectronics ST7GEME4 Datasheet HTML 27Page - STMicroelectronics ST7GEME4 Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
Electrical characteristics
ST7GEME4
24/28
4.8
Communication interface characteristics
Figure 7.
USB data signal rise and fall time
Table 23.
USB DC electrical characteristics(1)
1.
RL is the load connected on the USB drivers. All the voltages are measured from the local ground
potential.
Parameter
Symbol
Conditions
Min.
Max.
Unit
Input Levels
Differential input sensitivity
VDI
I(D+, D-)
0.2
V
Differential common mode
range
VCM
Includes VDI range
0.8
2.5
V
Single ended receiver
threshold
VSE
1.3
2.0
V
Output levels
Static output low
VOL
RL of 1.5 k
Ω to 3.6 V
0.3
V
Static Output high
VOH
RL of 15 k
Ω to V
SS
2.8
3.6
V
USBVCC: voltage level
USBV
VDD=5 V
3.00
3.60
V
Table 24.
USB full speed electrical characteristics
Parameter
Symbol
Conditions
Min
Max
Unit
Driver characteristics:
Rise time
tr
CL = 50 pF(1)
1.
Measured from 10% to 90% of the data signal. For more detailed informations, please refer to Chapter 7
(Electrical) of the USB specification (version 1.1).
420
ns
Fall time
tf
CL = 50 pF(1)
420
ns
Rise/ fall time
matching
trfm
tr/tf
90
110
%
Output signal
crossover Voltage
VCRS
1.3
2.0
V
Differential
Data Lines
VSS
tf
tr
Crossover
points
VCRS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com