Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7GEME4 Datasheet(PDF) 25 Page - STMicroelectronics

Part # ST7GEME4
Description  Full-speed USB MCU with smartcard firmware and EMV/non-EMV interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7GEME4 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button ST7GEME4 Datasheet HTML 20Page - STMicroelectronics ST7GEME4 Datasheet HTML 21Page - STMicroelectronics ST7GEME4 Datasheet HTML 22Page - STMicroelectronics ST7GEME4 Datasheet HTML 23Page - STMicroelectronics ST7GEME4 Datasheet HTML 24Page - STMicroelectronics ST7GEME4 Datasheet HTML 25Page - STMicroelectronics ST7GEME4 Datasheet HTML 26Page - STMicroelectronics ST7GEME4 Datasheet HTML 27Page - STMicroelectronics ST7GEME4 Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
ST7GEME4
Package characteristics
25/28
5
Package characteristics
5.1
Package mechanical data
Figure 8.
24-lead very thin fine pitch quad flat no-lead 5x5 mm 0.65 mm pitch, package outline
1
6
7
12
13
18
19
24
D
e
L
b
D2
A1
C
A
Table 25.
24-lead very thin fine pitch quad flat no-lead 5x5mm,0.65mm pitch, mechanical data
Dim.
mm
inches(1)
Min
Typ
Max
Min
Typ
Max
A
0.80
0.90
1.00
0.031
0.035
0.039
A1
0.02
0.05
0.001
0.002
b
0.25
0.30
0.35
0.010
0.012
0.014
D
5.00
0.197
D2
3.50
3.60
3.70
0.138
0.142
0.146
E
5.00
0.197
E2
3.50
3.60
3.70
0.138
0.142
0.146
e
0.65
0.026
L
0.35
0.45
0.55
0.014
0.018
0.022
ddd
0.08
0.003
Number of pins
N
24
1.
Values in inches are converted from mm and rounded to 3 decimal digits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com