Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7303 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7303
Description  Digital controlled stereo audio processor with loudness
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7303 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7303 Datasheet HTML 5Page - STMicroelectronics TDA7303 Datasheet HTML 6Page - STMicroelectronics TDA7303 Datasheet HTML 7Page - STMicroelectronics TDA7303 Datasheet HTML 8Page - STMicroelectronics TDA7303 Datasheet HTML 9Page - STMicroelectronics TDA7303 Datasheet HTML 10Page - STMicroelectronics TDA7303 Datasheet HTML 11Page - STMicroelectronics TDA7303 Datasheet HTML 12Page - STMicroelectronics TDA7303 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
TDA7303
Electrical specifications
9/21
RB
Internal Feedback Resistance
44
K
TREBLE CONTROL (1)
Gt
Control Range
Max. Boost/cut
±13
±14
±15
dB
TSTEP
Step Resolution
1
2
3
dB
AUDIO OUTPUTS
VOCL
Clipping Level
d = 0.3%
2
2.5
Vrms
RL
Output Load Resistance
2
K
CL
Output Load Capacitance
10
nF
ROUT
Output resistance
75
W
VOUT
DC Voltage Level
4.2
4.5
4.8
V
GENERAL
eNO
Output Noise(2)
BW = 20-20KHz, flat
output muted
all gains = 0dB
2.5
5
µV
µV
A curve all gains = 0dB
3
µV
S/N
Signal to Noise Ratio
all gains = 0dB; VO = 1Vrms
106
dB
d
Distortion
AV = 0; VIN = 1Vrms
0.01
%
AV = 20dB, VIN = 1Vrms
0.09
0.3
%
AV = 20dB, VIN = 1Vrms
0.04
%
Sc
Channel Separation left/right
80
103
dB
Total Tracking error
AV = 0 to -20dB
0
1
dB
-20 to -60 dB
0
2
dB
BUS INPUTS
VIL
Input Low Voltage
1V
VIH
Input High Voltage
3
V
IIN
Input Current
-5
+5
µA
VO
Output Voltage SDA Acknowledge IO = 1.6mA
0.4
V
1.
Bass and Treble response see attached diagram (fig.22). The center frequency and quality of the resonance behaviour can
be choosen by the external circuitry. A standard first order bass response can be realized by a standard feedback network
2.
The selected input is grounded thru the 2.2µF capacitor.
Table 4.
Electrical Characteristcs (continued)
(Tamb = 25°C, VS = 9V, RL = 10KΩ, RG = 600Ω, all control flat (G=0), f = 1KHz unless
otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com