Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7303 Datasheet(PDF) 16 Page - STMicroelectronics

Part # TDA7303
Description  Digital controlled stereo audio processor with loudness
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7303 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TDA7303 Datasheet HTML 12Page - STMicroelectronics TDA7303 Datasheet HTML 13Page - STMicroelectronics TDA7303 Datasheet HTML 14Page - STMicroelectronics TDA7303 Datasheet HTML 15Page - STMicroelectronics TDA7303 Datasheet HTML 16Page - STMicroelectronics TDA7303 Datasheet HTML 17Page - STMicroelectronics TDA7303 Datasheet HTML 18Page - STMicroelectronics TDA7303 Datasheet HTML 19Page - STMicroelectronics TDA7303 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Software specification
TDA7303
16/21
4.3
Data bytes (detailed description)
For example a volume of -45dB is given by:
0 0 1 0 0 1 0 0
For example attenuation of 25dB on speaker RF is given by: 1 0 1 1 0 1 0 0
Table 7.
Volume
MSB
LSB
FUNCTION
0
0
B2
B1
B0
A2
A1
A0
Volume 1.25dB steps
00
0
0
0
0
1
-1.25
01
0
-2.5
0
1
1
-3.75
10
0
-5
1
0
1
-6.25
11
0
-7.5
1
1
1
-8.75
0
0
B2
B1
B0
A2
A1
A0
Volume 10dB steps
00
0
0
00
1
-10
01
0
-20
01
1
-30
10
0
-40
10
1
-50
11
0
-60
11
1
-70
Table 8.
Speaker attenuators
MSB
LSB
FUNCTION
1
0
0
B1
B0
A2
A1
A0
Speaker LF
1
0
1
B1
B0
A2
A1
A0
Speaker RF
1
1
0
B1
B0
A2
A1
A0
Speaker LR
1
1
1
B1
B0
A2
A1
A0
Speaker RR
00
0
0
0
0
1
-1.25
01
0
-2.5
0
1
1
-3.75
10
0
-5
1
0
1
-6.25
11
0
-7.5
1
1
1
-8.75
00
0
01
-10
10
-20
11
-30
11
11
1
Mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com