Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7303 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TDA7303
Description  Digital controlled stereo audio processor with loudness
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7303 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TDA7303 Datasheet HTML 11Page - STMicroelectronics TDA7303 Datasheet HTML 12Page - STMicroelectronics TDA7303 Datasheet HTML 13Page - STMicroelectronics TDA7303 Datasheet HTML 14Page - STMicroelectronics TDA7303 Datasheet HTML 15Page - STMicroelectronics TDA7303 Datasheet HTML 16Page - STMicroelectronics TDA7303 Datasheet HTML 17Page - STMicroelectronics TDA7303 Datasheet HTML 18Page - STMicroelectronics TDA7303 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
TDA7303
Software specification
15/21
4
Software specification
4.1
Interface Protocol
The interface protocol comprises:
●
A start condition (s)
●
A chip address byte, containing the TDA7303 address (the 8th bit of the byte must be
0).
The TDA7303 must always acknowledge at the end of each transmitted byte.
●
A sequence of data (N-bytes + acknowledge)
●
A stop condition (P)
ACK = Acknowledge
S = Start
P = Stop
MAX CLOCK SPEED 100kbits/s
4.2
Subaddress (receive mode)
Ax = 1.25dB steps; Bx = 10dB steps; Cx = 2dB steps; Gx = 3.75dB steps
Table 5.
Chip address
1
MSB
000
10
0
0
LSB
Table 6.
Data bytes
MSB
LSB
FUNCTION
0
0
B2
B1
B0
A2
A1
A0
Volume control
1
1
0
B1B0
A2A1A0
Speaker ATT LR
1
1
1
B1B0
A2A1A0
Speaker ATT RR
1
0
0
B1B0
A2A1A0
Speaker ATT LF
1
0
1
B1B0
A2A1A0
Speaker ATT RF
0
1
0
G1
G0
S2
S1
S0
Audio switch
0
1
1
0
C3
C2
C1
C0
Bass control
0
1
1
1
C3
C2
C1
C0
Treble control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com