Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7303 Datasheet(PDF) 17 Page - STMicroelectronics

Part # TDA7303
Description  Digital controlled stereo audio processor with loudness
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7303 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TDA7303 Datasheet HTML 12Page - STMicroelectronics TDA7303 Datasheet HTML 13Page - STMicroelectronics TDA7303 Datasheet HTML 14Page - STMicroelectronics TDA7303 Datasheet HTML 15Page - STMicroelectronics TDA7303 Datasheet HTML 16Page - STMicroelectronics TDA7303 Datasheet HTML 17Page - STMicroelectronics TDA7303 Datasheet HTML 18Page - STMicroelectronics TDA7303 Datasheet HTML 19Page - STMicroelectronics TDA7303 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
TDA7303
Software specification
17/21
For example to select the stereo 2 input with a gain of +7.5dB LOUDNESS ON the 8bit
string is: 0 1 0 0 1 0 0 1
C3 = Sign
For example Bass at -10dB is obtained by the following 8 bit string: 0 1 1 0 0 0 1 0
Table 9.
Audio switch
MSB
LSB
FUNCTION
0
1
0
G1
G0
S2
S1
S0
Audio Switch
0
0
Stereo 1
0
1
Stereo 2
1
0
Stereo 3
11
Not allowed
0
Loudness ON
1
Loudness OFF
0
0
+11.25dB
0
1
+7.5dB
10
+3.75dB
1
1
0dB
Table 10.
Bass and Treble
MSB
LSB
FUNCTION
0
1
1
0
C3C2
C1C0
Bass
0
1
1
1
C3C2
C1C0
Treble
000
0
-14
000
1
-12
001
0
-10
001
1
-8
010
0
-6
010
1
-4
011
0
-2
011
1
0
111
1
0
111
0
2
110
1
4
110
0
6
101
1
8
101
0
10
100
1
12
100
0
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com