Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7303 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7303
Description  Digital controlled stereo audio processor with loudness
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7303 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7303 Datasheet HTML 9Page - STMicroelectronics TDA7303 Datasheet HTML 10Page - STMicroelectronics TDA7303 Datasheet HTML 11Page - STMicroelectronics TDA7303 Datasheet HTML 12Page - STMicroelectronics TDA7303 Datasheet HTML 13Page - STMicroelectronics TDA7303 Datasheet HTML 14Page - STMicroelectronics TDA7303 Datasheet HTML 15Page - STMicroelectronics TDA7303 Datasheet HTML 16Page - STMicroelectronics TDA7303 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
TDA7303
I2C bus interface
13/21
3
I2C bus interface
Data transmission from microprocessor to the TDA7303 and viceversa takes place thru the
2 wires I2C BUS interface, consisting of the two lines SDA and SCL (pull-up resistors to
positive supply voltage must be connected).
3.1
Data validity
As shown in Figure 20, the data on the SDA line must be stable during the high period of the
clock. The HIGH and LOW state of the data line can only change when the clock signal on
the SCL line is LOW.
3.2
Start and stop conditions
As shown in Figure 21 a start condition is a HIGH to LOW transition of the SDA line while
SCL is HIGH. The stop condition is a LOW to HIGH transition of the SDA line while SCL is
HIGH.
3.3
Byte format
Every byte transferred on the SDA line must contain 8 bits. Each byte must be followed by
an acknowledge bit. The MSB is transferred first.
3.4
Acknowledge
The master (
µP) puts a resistive HIGH level on the SDA line during the acknowledge clock
pulse (see Figure 22). The peripheral (audioprocessor) that acknowledges has to pull-down
(LOW) the SDA line during the acknowledge clock pulse, so that the SDA line is stable LOW
during this clock pulse.
The audioprocessor which has been addressed has to generate an acknowledge after the
reception of each byte, otherwise the SDA line remains at the HIGH level during the ninth
clock pulse time. In this case the master transmitter can generate the STOP information in
order to abort the transfer.
3.5
Transmission without acknowledge
Avoiding to detect the acknowledge of the audioprocessor, the
µP can use a simplier
transmission: simply it waits one clock without checking the slave acknowledging, and sends
the new data.
This approach of course is less protected from misworking and decreases the noise
immunity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com