Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HE83005 Datasheet(PDF) 6 Page - King blillion Electronics Co.,Ltd.

Part # HE83005
Description  8-BIT MICRO-CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE83005 Datasheet(HTML) 6 Page - King blillion Electronics Co.,Ltd.

Back Button HE83005 Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 10Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
King Billion Electronics Co., Ltd
駿
億
電
子
股
份
有
限
公
司
HE83005
HE80000 SERIES
July 28, 2003
6
V3.4
This specification is subject to change without notice. Please contact sales person for the latest version before use.
VDD
VDD
Q
Q'
LATCH
MO_?PP
SCHMIDT Trigger input
DOUT
PAD
DIN
7. Timer1
The Timer1 consists of two 8-bit write-only preload registers T1H and T1L and 16-bit down counter. If
Timer1 is enabled, the counter will decrement by one with each incoming clock pulse. Timer1 interrupt
will be generated when the counter underflows - counts down to FFFFH. And the counter will be
automatically reloaded with the value of T1H and T1L.
The clock source of Timer1 is derived from slow clock “SCK” at dual clock or slow clock only mode.
And it comes from the fast clock “FCK” at fast clock only mode.
Please note that the interrupt is generated when counter counts from 0000H to FFFFH. If the value of
T1H and T1L is N, and count down to FFFFH, the total count is N+1. The content of counter is zero
when system resets. Once it is enabled to count at this moment, interrupt will be generated immediately
and value of T1H and T1L will be loaded since it counts to FFFFH. So the T1H and T1L value should be
set before enabling Timer1.
The Timer1 related control registers are list as below:
Register
Address
Field
Bit position
Mode
Description
IER
0x02
TC1_IER
2
R/W
0: TC1 interrupt is disabled. (default)
1: TC1 interrupt is enabled.
T1L
0x03
T1L[7:0]
7~0
W
Low byte of TC1 pre-load value
T1H
0x04
T1H[7:0]
7~0
W
High byte of TC1 pre-load value
OP1
0x09
TC1E
2
R/W
0: TC1 is disabled. (default)
1: TC1 is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com