Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HE83005 Datasheet(PDF) 2 Page - King blillion Electronics Co.,Ltd.

Part # HE83005
Description  8-BIT MICRO-CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE83005 Datasheet(HTML) 2 Page - King blillion Electronics Co.,Ltd.

  HE83005 Datasheet HTML 1Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
King Billion Electronics Co., Ltd
駿
億
電
子
股
份
有
限
公
司
HE83005
HE80000 SERIES
July 28, 2003
2
V3.4
This specification is subject to change without notice. Please contact sales person for the latest version before use.
1. General Description
HE 83005 is a member of 8-bit micro-controller series developed by KingBillion. It’s a power speech
controller. The built-in OP comparator can be used with (light、voice、temperature、humility) sensor and
used as battery low detection. And the 7-bit current-type D/A converter and PWM device provide the
complete speech output mechanism. The 64K ROM size can be used in the storage of speech (20 seconds
at 3Kbytes per second)
The instruction set of HE83005 are quite easy to learn and simple to use. Only about thirty instructions
with four-type addressing mode are provided. Most of instructions take only 3 oscillator clocks (machine
cycles). The processing power is enough to most of battery operation system.
2. Features
Operation Voltage:
2.4V – 5.5V
System Clock:
DC ~ 8MHz @ 5.0V
DC ~ 4MHz @ 2.4V
Internal ROM:
64K Bytes (64K Program ROM)
Internal RAM:
128 Bytes.
Dual Clock System :
Normal (Fast) clock: 32.768K ~ 8MHz
Slow clock:
32.768KHz
Operation Mode:
DUAL、FAST、SLOW、IDLE、SLEEP Mode.
With WDT (WATCH DOG TIMER) to prevent deadlock condition..
16 bit Bi-directional I/O port. Mask Option can select PUSH-PULL or OPEN DRAIN output mode
for each I/O pin.
One built-in OP comparator.
One 7-bit current-type DAC output (VO).
PWM device.
Two external interrupts and two internal timer interrupts.
Two 16-bit timers. (Clock Source reference by Fast Clock)
Instruction set: 32 instructions, 4 addressing mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com