Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HE83005 Datasheet(PDF) 21 Page - King blillion Electronics Co.,Ltd.

Part # HE83005
Description  8-BIT MICRO-CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE83005 Datasheet(HTML) 21 Page - King blillion Electronics Co.,Ltd.

Back Button HE83005 Datasheet HTML 15Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 16Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 17Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 18Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 19Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 20Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 21Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 22Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 23Page - King blillion Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
King Billion Electronics Co., Ltd
駿
億
電
子
股
份
有
限
公
司
HE83005
HE80000 SERIES
July 28, 2003
21
V3.4
This specification is subject to change without notice. Please contact sales person for the latest version before use.
IOL_1
Output Sink Current
I/O pull-low*1
VOL=0.4V
1.0
mA
IIL_1
Input Low Current
RSTP_N
VIL=GND, pull high
Internally
20
µA
IIL_2
Input Low Current
I/O
VIL=GND, if pull high
Internally by user
100
µA
Note:
*1: Drive Current Spec. for Push-Pull I/O port only Sink Current Spec. for both Push-Pull and
Open-Drain I/O port.
*2: This Spec. base on one driver only. There are five build-in drivers, so users just multiply the number
of driver he used to one driver current to get the total amount of current. ( IoHPWM、IoLPWM * N;
N=0,1,2,3,4,5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com