Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HE83005 Datasheet(PDF) 23 Page - King blillion Electronics Co.,Ltd.

Part # HE83005
Description  8-BIT MICRO-CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE83005 Datasheet(HTML) 23 Page - King blillion Electronics Co.,Ltd.

Back Button HE83005 Datasheet HTML 15Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 16Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 17Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 18Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 19Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 20Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 21Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 22Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 23Page - King blillion Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 23 / 23 page
background image
King Billion Electronics Co., Ltd
駿
億
電
子
股
份
有
限
公
司
HE83005
HE80000 SERIES
July 28, 2003
23
V3.4
This specification is subject to change without notice. Please contact sales person for the latest version before use.
16. Important Note
1.
Please note the ICE is a superset of HE80000 series IC. Each member of the family only has parts of
all resources. Do not use any hardware resource that your target chip doesn’t have, for example,
RAM and register. KBIDS and compiler can’t prevent user from using some hardware resources that
don’t exist in your target chip.
2.
Please bond the TSTP_P, RSTP_N and PRTD [7:0] with test points on PCB (can be soldered and
probed) as you can, then some testing can be performed on PCB when it’s necessary. The TSTP_P is
suggested to connect to ground by a 0 ohm resistor.
3.
Users should turn off the PWM and DAC function by firmware before the system enters into the
sleep and idle modes. Otherwise, there are some current leakages in the PWM/DAC circuit, and the
current will be large in the sleep and idle mode.
17. Updated History
Version
Date
New Content
V3.3
12/17/01 Change the operation voltage from 2.2V to 2.4V.
V3.4
07/28/03
Modify the datasheet format and add the bonding pad diagram and coordination for
each version.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com