Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HE83005 Datasheet(PDF) 3 Page - King blillion Electronics Co.,Ltd.

Part # HE83005
Description  8-BIT MICRO-CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE83005 Datasheet(HTML) 3 Page - King blillion Electronics Co.,Ltd.

  HE83005 Datasheet HTML 1Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE83005 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
King Billion Electronics Co., Ltd
駿
億
電
子
股
份
有
限
公
司
HE83005
HE80000 SERIES
July 28, 2003
3
V3.4
This specification is subject to change without notice. Please contact sales person for the latest version before use.
3. Internal Block
Please always take in mind that ICE is different from IC. ICE is the whole set of HE80000 series IC, but
each IC is a subset of ICE. Never use any hardware resource that real IC didn't have, especially RAM and
register. KBIDS and compiler cannot prevent user to use some hardware resource that didn't exist. Please
check the following table and refer the abbreviation in HE80000 user's manual.
FXI, FXO
8 Bit CPU
Fast Clock
OSC.
64KB ROM
SXI, SXO
Slow Clock
OSC
128B RAM
PWM/PWMN
TC1
PWM
TC2
VO
DAC
WDT
OPO, OPIN, OPIP
OP Amp
PRTC[7:0], PRTD[7:0]
I/O Port
4. Pin Description
Pin Name I/O
Description
FXI,
FXO
B,
O
External fast clock pin. Two types of oscillator can be selected by MO_FXTAL (‘0’ for RC type and
‘1’ for crystal type). For RC type oscillator, one resistor needs to be connected between FXI and GND.
For crystal oscillator, one crystal needs to be placed between FXI and FXO. Please refer to
application circuit for details.
SXI,
SXO
I,
O
External slow clock pins. Slow clock is clock source for LCD display, TIMER1, Time-Base and other
internal blocks. Both crystal and RC oscillator are provided. The slow clock type can be selected by
mask option MO_SXTAL. Choose ‘0’ for RC type and ‘1’ for crystal oscillator.
RSTP_N
I System reset input pin. Level trigger, active low on this pin will put the chip in reset state.
TSTP_P
I
Test input pin. Please bond this pad and reserve a test point on PCB for debugging. But for improving
ESD, please connect this point with zero Ohm resistor to GND.
PRTC[7:0]
B
8-bit bi-directional I/O port C. The output type of I/O pad can also be selected by mask option
MO_CPP[7: 0] (‘1’ for push-pull and ‘0’ for open-drain). As the output structure of I/O pad does not
contain tri-state buffer. When using the I/O as input, ‘1’ must be outputted before reading the pin.
PRTD[7:0]
B
8-bit bi-directional I/O port D. The output type of I/O pad can also be selected by mask option
MO_DPP[7: 0] (‘1’ for push-pull and ‘0’ for open-drain).
As the output structure of I/O pad does not contain tri-state buffer. When using the I/O as input, ‘1’
must be outputted before reading the pin.
PRTD[7..2] can be used as wake-up pins.
PRTD[7..6] can be as external interrupt sources.
PRTD[1..0] general I/O bi-direction pins.
PWMP/PWMN O The PWM output can drive speaker or buzzer directly. Using PWMP & PWMN to drive output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com