Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ME8115D7G Datasheet(PDF) 6 Page - Micronetics, Inc.

Part # ME8115D7G
Description  High-performance current mode PWM switching power supply controller designed for cost-effective AC/DC converters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.

ME8115D7G Datasheet(HTML) 6 Page - Micronetics, Inc.

Back Button ME8115D7G Datasheet HTML 2Page - Micronetics, Inc. ME8115D7G Datasheet HTML 3Page - Micronetics, Inc. ME8115D7G Datasheet HTML 4Page - Micronetics, Inc. ME8115D7G Datasheet HTML 5Page - Micronetics, Inc. ME8115D7G Datasheet HTML 6Page - Micronetics, Inc. ME8115D7G Datasheet HTML 7Page - Micronetics, Inc. ME8115D7G Datasheet HTML 8Page - Micronetics, Inc. ME8115D7G Datasheet HTML 9Page - Micronetics, Inc. ME8115D7G Datasheet HTML 10Page - Micronetics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
ME8115
V08
www.microne.com.cn
Page 6 of 15
极限参数
参数
极限值
单位
供电电压,VCC
18
V
引脚输入电压
VCC+0.3
V
OC集电极承受电压
-0.3-700
V
峰值开关电流
800
mA
总耗散功率
1000
mW
工作温度范围
-20~+125
℃
储存温度范围
-55~+150
℃
焊接温度
+260(10S推荐工作条件)
℃
注:在极限值之外或任何其他条件下,芯片的工作性能不予保证。
推荐工作条件
参数
最小值
典型值
最大值
单位
供电电压,VCC
4.3
6.5
9.0
V
引脚输入电压
-0.3
-
VCC
V
峰值反向电压
-
-
550
V
峰值开关电流
-
-
650
mA
振荡频率
52
60
66
KHz
工作温度
0
-
100
℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com