Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ME8115D7G Datasheet(PDF) 10 Page - Micronetics, Inc.

Part # ME8115D7G
Description  High-performance current mode PWM switching power supply controller designed for cost-effective AC/DC converters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.

ME8115D7G Datasheet(HTML) 10 Page - Micronetics, Inc.

Back Button ME8115D7G Datasheet HTML 6Page - Micronetics, Inc. ME8115D7G Datasheet HTML 7Page - Micronetics, Inc. ME8115D7G Datasheet HTML 8Page - Micronetics, Inc. ME8115D7G Datasheet HTML 9Page - Micronetics, Inc. ME8115D7G Datasheet HTML 10Page - Micronetics, Inc. ME8115D7G Datasheet HTML 11Page - Micronetics, Inc. ME8115D7G Datasheet HTML 12Page - Micronetics, Inc. ME8115D7G Datasheet HTML 13Page - Micronetics, Inc. ME8115D7G Datasheet HTML 14Page - Micronetics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
ME8115
V08
www.microne.com.cn
Page 10 of 15
最大开关电力限制
IC具有逐周期电流限制功能。每个开关周期均对开关电流进行检测,达到FB设定的电流或防上限电流时即进入关
周期,电流的检测具有实时前沿消隐功能,屏蔽开关尖峰,避免开关电流的错误检测。合理的温度补偿则消除了温度
的影响,相对常规的MOSFET(温度变化时的Ron变化很大)开关芯片,开关电流在一个较宽的范围都可以非常精准,
这样将允许设计者在设计方案时不必留有太大的余量即可满足较大的工作温度范围,提高电路的使用安全性。
对于ME8115,其允许的最大开关电流限制约为0.80A。在一个设计在65V反射电压,0.80A开关电流的反激式电源
中,可以容易的实现大于12W的输出功率,且满足宽的温度范围。
散热的要求
对于一个典型的功率开关而言,应使用必要的散热措施,以避免过高的温度导致热保护。IC内部主要的发
热是开关管的开关损耗产生的热量,因此恰当的散热位置是IC的PIN-7,8脚,一个易于使用的方法是在PIN-7,8脚铺设一
定面积的PCB铜箔,尤其在铜箔之上镀锡处理将大大增加散热能力。对于一个85-265V输入,12W输出的典型应用,
200mm
2的铜箔面积是必要的。
PCB layout时,应将PIN-6与PIN-7之间保留1mm以上的安全距离,避免产生放电现象。参考布线如信息图四
图四



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com