Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ME8115D7G Datasheet(PDF) 11 Page - Micronetics, Inc.

Part # ME8115D7G
Description  High-performance current mode PWM switching power supply controller designed for cost-effective AC/DC converters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.

ME8115D7G Datasheet(HTML) 11 Page - Micronetics, Inc.

Back Button ME8115D7G Datasheet HTML 7Page - Micronetics, Inc. ME8115D7G Datasheet HTML 8Page - Micronetics, Inc. ME8115D7G Datasheet HTML 9Page - Micronetics, Inc. ME8115D7G Datasheet HTML 10Page - Micronetics, Inc. ME8115D7G Datasheet HTML 11Page - Micronetics, Inc. ME8115D7G Datasheet HTML 12Page - Micronetics, Inc. ME8115D7G Datasheet HTML 13Page - Micronetics, Inc. ME8115D7G Datasheet HTML 14Page - Micronetics, Inc. ME8115D7G Datasheet HTML 15Page - Micronetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
ME8115
V08
www.microne.com.cn
Page 11 of 15
主要测试点波形
1.VCE 波形图(X-坐标:
10μS/div; Y-坐标: 100V/div)
Vin=85V AC,Io=1A
Vin=115V AC,Io=1A
Vin=230V AC,Io=1A
Vin=264V AC,Io=1A
2.输出噪声波形
Vin=115V AC,Io=1A
Vin=230V AC,Io=1A
10mS/div
10mS/div
3.输出启动波形
Vin=85V,Io=1A
Vin=265V,Io=1A
1S/div
100mS/div
100V/div
Vin
100V/div
Vo
2V/div
Vin
100V/div
Vo
2V/div
Vo ripple
20mV/div
Vo ripple
20mV/div
VDS
100V/div
VDS
100V/div
10μS /div
10μS /div
VDS
100V/div
VDS
100V/div
10μS /div
10μS /div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com