Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ME8115D7G Datasheet(PDF) 7 Page - Micronetics, Inc.

Part # ME8115D7G
Description  High-performance current mode PWM switching power supply controller designed for cost-effective AC/DC converters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.

ME8115D7G Datasheet(HTML) 7 Page - Micronetics, Inc.

Back Button ME8115D7G Datasheet HTML 3Page - Micronetics, Inc. ME8115D7G Datasheet HTML 4Page - Micronetics, Inc. ME8115D7G Datasheet HTML 5Page - Micronetics, Inc. ME8115D7G Datasheet HTML 6Page - Micronetics, Inc. ME8115D7G Datasheet HTML 7Page - Micronetics, Inc. ME8115D7G Datasheet HTML 8Page - Micronetics, Inc. ME8115D7G Datasheet HTML 9Page - Micronetics, Inc. ME8115D7G Datasheet HTML 10Page - Micronetics, Inc. ME8115D7G Datasheet HTML 11Page - Micronetics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
ME8115
V08
www.microne.com.cn
Page 7 of 15
电气参数(无特殊说明,Ta=25℃,VCC=5.5-7.5V,Rs=1Ω)
项目
测试条件
最小值
典型值
最大值
单位
输出部分
开关管最大耐压
VCC=0V,Ioc=1mA
700
-
-
V
导通饱和压降
Ioc=600mA
-
-
1
V
开关上升时间
CL=1nF
-
-
75
ns
开关下降时间
CL=1nF
-
-
75
ns
输出限制电流
Tj=0-100℃
600
650
700
mA
振荡器部分
振荡器频率
-
60
-
KHz
频率随电压变化率
VCC=5.5-9V
-
-
3
%
频率随温度变化率
Ta=0-85℃
-
-
1
%
反馈部分
输入阻抗
反馈上拉电流
-
0.5
-
mA
下拉电阻
-
30
-
KΩ
电源抑制比
VCC=5.5V-9V
-
60
70
dB
电流限制部分
电流取样门限
0.65
0.70
V
防上限电流
RS=1Ω
0.60
0.65
0.70
A
电源抑制比
-
60
70
dB
传输延时
-
150
250
ns
PWM部分
最大占空比
53
57
61
%
最小占空比
-
-
3.5
%
电源部分
启动接受电流
Iob=0.5mA
1.6
2.0
2.4
mA
启动静态电流
-
55
80
μA
静态电流
VCC=8V
-
2.8
-
mA
启动电压
8.75
9.0
9.25
V
欠压保护电压
3.7
3.95
4.2
V
再启动电压
-
2.12
-
V
过压限制门限
9.5
9.9
10.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com