Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ME8115D7G Datasheet(PDF) 1 Page - Micronetics, Inc.

Part # ME8115D7G
Description  High-performance current mode PWM switching power supply controller designed for cost-effective AC/DC converters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.

ME8115D7G Datasheet(HTML) 1 Page - Micronetics, Inc.

  ME8115D7G Datasheet HTML 1Page - Micronetics, Inc. ME8115D7G Datasheet HTML 2Page - Micronetics, Inc. ME8115D7G Datasheet HTML 3Page - Micronetics, Inc. ME8115D7G Datasheet HTML 4Page - Micronetics, Inc. ME8115D7G Datasheet HTML 5Page - Micronetics, Inc. ME8115D7G Datasheet HTML 6Page - Micronetics, Inc. ME8115D7G Datasheet HTML 7Page - Micronetics, Inc. ME8115D7G Datasheet HTML 8Page - Micronetics, Inc. ME8115D7G Datasheet HTML 9Page - Micronetics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
V07
www.microne.com.cn
Page 1 of 15
ME8115
高性能电流模式 PWM 开关电源控制器,专为高性价比 AC/DC 转换器设计
概述
高性能电流模式PWM控制器,专为高性价比AC/DC转
换 器 设 计 , 在 85-265V 的 宽 电 压 范 围 内 提 供 高 达
12W(ME8115B是18W)的连续输出功率,峰值输出功率
更可达18W。优化的高合理性电路设计结合高性价比的双
极制作工艺,最大程度上节约了产品的整体成本。该电源
控制器可工作于典型的反激电路拓扑中,构成简洁的
AC/DC转换器,
IC内部启动电路被设计成一种独特的电流
吸入方式,可利用功率开关管的本身放大作用完成启动
(开关管Ic对Ib的放大),这显著地降低了启动电阻的功
率消耗,而在输出功率较小时,IC将自动降低工作频率,
从而实现了极低的待机功耗,VCC达到10V时,芯片内部
会启动过压保护,限制输出电压上升可防止光耦或反馈电
路损坏引起的输出电压过高,IC内部还提供了完善的防过
载,防饱和功能,可实时防范过载、变压器饱和、输出短
路等异常状况,提高了电源的可靠性。IC内部还集成了带
有迟滞的温度保护功能,在芯片过热时关断输出。电流限
制可由外部器件Rs设定。
特点
● 内置700V高压功率开关管
● 内置高压启动电流源,快速启动
● 内置能效处理控制,待机低于0.1W
● 内置过压欠压与短路保护功能
● 内置过载与过温保护功能
● 精确温度补偿,精确逐周期电流控制
● 低启动电流和低工作电流
● 自适应频率回转设计,EMI干扰小
● 高转换效率,满足能源之星2.0要求
● 宽压输出功率12W(ME8115B 是18W),峰值输出功率
15W(ME8115B 是20W)
● 高压输出功率15W(ME8115B 是20W),峰值输出
18W(ME8115B 是22W)
● 外围元器件少,整机成本低
应用场合
封装形式
● 电源适配器
● 8-pin DIP8
● 便携式设备充电电源
● 7-pin DIP7(B)
● DVD/DVB电源
● 电池充电器
● ATX待机电源


Similar Part No. - ME8115D7G

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
ME8107 VBSEMI-ME8107 Datasheet
990Kb / 9P
P-Channel 30-V (D-S) MOSFET
logo
Bridgetek Pte Ltd.
ME812AU-WH50R BRIDGETEK-ME812AU-WH50R Datasheet
1Mb / 18P
Future Technology Devices International
Version 1.0
ME813A-WH50C BRIDGETEK-ME813A-WH50C Datasheet
1Mb / 19P
Display Module
Version 1.0
logo
Future Technology Devic...
ME813AU-WH50C FTDI-ME813AU-WH50C Datasheet
1Mb / 17P
Future Technology Devices International
Version 1.0
logo
Bridgetek Pte Ltd.
ME817EV BRIDGETEK-ME817EV Datasheet
1Mb / 24P
Evaluation Board
Version 1.0
More results

Similar Description - ME8115D7G

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5021 NSC-LM5021 Datasheet
746Kb / 15P
AC-DC Current Mode PWM Controller
logo
Leshan Radio Company
LR2257 LRC-LR2257 Datasheet
408Kb / 8P
AC/DC Current Mode PWM power management controller
LR5920 LRC-LR5920 Datasheet
638Kb / 12P
High Performance Current Mode PWM Switching Power Supply Controller
logo
STMicroelectronics
UC3844BD1013TR STMICROELECTRONICS-UC3844BD1013TR Datasheet
239Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
logo
Diodes Incorporated
AP3103A DIODES-AP3103A Datasheet
408Kb / 12P
COST EFFECTIVE GREEN PWM CONTROLLER
Rev 2
AP3105 DIODES-AP3105 Datasheet
336Kb / 13P
COST EFFECTIVE GREEN PWM CONTROLLER
Rev 2
logo
SIFIRST TECHNOLOGIES NA...
SF1585 SIFIRST-SF1585 Datasheet
63Kb / 2P
Cost Effective, High Power, 管-BalanceTM PWM Controller
logo
Shaanxi Reactor Micro...
RM6203 REACTOR-RM6203 Datasheet
313Kb / 7P
High Performance Current Mode PWM Switching Power Supply controller
logo
List of Unclassifed Man...
SW2604 ETC2-SW2604 Datasheet
343Kb / 6P
High performance current mode PWM switching power supply controller
logo
Diodes Incorporated
AP3105D DIODES-AP3105D Datasheet
368Kb / 13P
COST EFFECTIVE GREEN PWM CONTROLLER
February 2014 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com