Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HE83149 Datasheet(PDF) 4 Page - King blillion Electronics Co.,Ltd.

Part # HE83149
Description  8-bit Micro-controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE83149 Datasheet(HTML) 4 Page - King blillion Electronics Co.,Ltd.

  HE83149 Datasheet HTML 1Page - King blillion Electronics Co.,Ltd. HE83149 Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. HE83149 Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HE83149 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HE83149 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HE83149 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HE83149 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HE83149 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE83149 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
KING BILLION ELECTRONICS CO., LTD
駿
億
電
子
股
份
有
限
公
司
HE83149
HE80000 SERIES
4
V1.0E
E. Pin Diagram
C
O
M
[11]
C
O
M
[10]
C
O
M
[9]
C
O
M
[8]
P
W
M
N
P
W
M
P
P
R
T
D
[0]
P
R
T
D
[1]
P
R
T
D
[2]
P
R
T
D
[3]
P
R
T
D
[4]
P
R
T
D
[5]
P
R
T
D
[6]
P
R
T
D
[7]
V
D
D
S
X
I
S
X
O
T
S
T
P
|
P
F
X
I
F
X
O
R
S
T
P
|
N
V
O
G
N
D
L
V
G
L
R
0
L
R
1
L
R
2
L
R
3
COM[12]
COM[13]
COM[14]
COM[15]
PRT15[7]
PRT15[6]
PRT15[5]
PRT15[4]
PRT15[3]
PRT15[2]
PRT15[1]
PRT15[0]
PRT14[7]
PRT14[6]
PRT14[5]
PRT14[4]
PRT14[3]
PRT14[2]
PRT14[1]
PRT14[0]
SEG[47]
SEG[46]
SEG[45]
SEG[44]
SEG[43]
SEG[42]
SEG[41]
Die Size: 3460 µm * 3650 µm。
Substrate connect with GND。
Product name
S
E
G
[40]
S
E
G
[39]
S
E
G
[38]
S
E
G
[37]
S
E
G
[36]
S
E
G
[35]
S
E
G
[34]
S
E
G
[33]
S
E
G
[32]
S
E
G
[31]
S
E
G
[30]
S
E
G
[29]
S
E
G
[28]
S
E
G
[27]
S
E
G
[26]
S
E
G
[25]
S
E
G
[24]
S
E
G
[23]
S
E
G
[22]
S
E
G
[21]
S
E
G
[20]
S
E
G
[19]
S
E
G
[18]
S
E
G
[17]
S
E
G
[16]
S
E
G
[15]
S
E
G
[14]
S
E
G
[13]
LR4
LV3
LV2
LV1
LC2
LC1
COM[0]
COM[1]
COM[2]
COM[3]
COM[4]
COM[5]
COM[6]
COM[7]
SEG[0]
SEG[1]
SEG[2]
SEG[3]
SEG[4]
SEG[5]
SEG[6]
SEG[7]
SEG[8]
SEG[9]
SEG[10]
SEG[11]
SEG[12]



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com