Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HE83149 Datasheet(PDF) 7 Page - King blillion Electronics Co.,Ltd.

Part # HE83149
Description  8-bit Micro-controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE83149 Datasheet(HTML) 7 Page - King blillion Electronics Co.,Ltd.

  HE83149 Datasheet HTML 1Page - King blillion Electronics Co.,Ltd. HE83149 Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. HE83149 Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HE83149 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HE83149 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HE83149 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HE83149 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HE83149 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE83149 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
KING BILLION ELECTRONICS CO., LTD
駿
億
電
子
股
份
有
限
公
司
HE83149
HE80000 SERIES
7
V1.0E
Testing Condition: TEMP=25℃, VDD=3V+/-10%, GND=0V
P ARAMETER
CONDITION
MIN TYP MAX UNIT
IFast
NORMAL Mode Current
System
2M ext. R/C
0.75
1
mA
ISlow
SLOW Mode Current
System
32.768K X’tal
LCD Disable
10
20
µA
IIdle
IDLE Mode Current
System
32.769K X’tal
LCD Disable
6
10
µA
LCD Enable,
LCD option=300Kohm
Voltage-doubler OFF
12
20
ILCD
Extra Current if LCD ON
System
LCD Enable,
LCD option=30Kohm,
Voltage-doubler ON
100
120
µA
ISleep
Sleep Mode Current
System
1
µA
IoHPWM PWM Output Drive Current
PWMP, PWMN*2
VDD=3V; Voh=2V
12
15
mA
IoLPWM PWM Output Sink Current
PWMP, PWMN*2
VDD=3V; VoL=1V
33
40
mA
IoVO
DAC Output Current
VO
VDD=3V;VO=0~2V,Data=7F
2.5
3
mA
ViH
Input High Voltage
I/O pins
0.8
VDD
V
ViL
Input Low Voltage
I/O pins
0.2
VDD
V
Vhys
Input Hysteresis Width
I/O, RSTP_N
Threshold=2/3VDD(input from
low to high)
Threshold=1/3VDD(input from
high to low)
1/3
VDD
V
IoH
Output Drive Current
I/O pull-high*1
VoL=2.0V
50
µA
IoL_1
Output Sink Current
I/O pull-low*1
VoL=0.4V
1.0
mA
IiL_1
Input Low Current
RSTP_N
ViL=GND, pull high
Internally
20
µA
IiL_2
Input Low Current
I/O
ViL=GND, if pull high
Internally by user
100
µA
Note:
*1: Drive Current Spec. for Push-Pull I/O port only
Sink Current Spec. for both Push-Pull and Open-Drain I/O port.
*2: This Spec. base on one driver only. There are five build-in driver,
so
user
just
multiply the number of driver he used to one driver current
to
get
the
total
amount of current.( IoHPWM、IoLPWM * N; N=0,1,2,3,4,5)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com